Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS70R360S Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HCS70R360S
Description  Superior Avalanche Rugged Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCS70R360S Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HCS70R360S Datasheet HTML 1Page - SemiHow Co.,Ltd. HCS70R360S Datasheet HTML 2Page - SemiHow Co.,Ltd. HCS70R360S Datasheet HTML 3Page - SemiHow Co.,Ltd. HCS70R360S Datasheet HTML 4Page - SemiHow Co.,Ltd. HCS70R360S Datasheet HTML 5Page - SemiHow Co.,Ltd. HCS70R360S Datasheet HTML 6Page - SemiHow Co.,Ltd. HCS70R360S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BV
DSS = 700 V
R
DS(on) typ = 0.32
I
D =11 A
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge : 23 nC (Typ.)
Extended Safe Operating Area
Lower R
DS(ON)
GS=10V
100% Avalanche Tested
FEATURES
Absolute Maximum Ratings
T
C=25
unless otherwise specified
HCS70R360S
700V N-Channel Super Junction MOSFET
Thermal Resistance Characteristics
March 2015
1.Gate 2. Drain 3. Source
2
1
3
TO-220F
* Drain current limited by maximum junction temperature
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
4.0
/W
R
JA
Junction-to-Ambient
--
60.5
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
700
V
I
D
Drain Current
– Continuous (T
C = 25
)
11 *
A
Drain Current
– Continuous (T
C = 100
)
7 *
A
I
DM
Drain Current
– Pulsed
(Note 1)
33 *
A
V
GS
Gate-Source Voltage
Static
20
V
AC (f>1 Hz)
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
280
mJ
I
AR
Avalanche Current
(Note 1)
3.0
A
E
AR
Repetitive Avalanche Energy
(Note 1)
0.6
mJ
dv/dt
Peak Diode Recovery dv/dt
15
V/ns
P
D
Power Dissipation (T
C = 25
)
- Derate above 25
31
W
0.25
W
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300


Similar Part No. - HCS70R360S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCS70R350E SEMIHOW-HCS70R350E Datasheet
645Kb / 7P
700V N-Channel Super Junction MOSFET
More results

Similar Description - HCS70R360S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCD65R360S SEMIHOW-HCD65R360S Datasheet
268Kb / 8P
Superior Avalanche Rugged Technology
HCS65R600S SEMIHOW-HCS65R600S Datasheet
166Kb / 7P
Superior Avalanche Rugged Technology
HFD8N70U SEMIHOW-HFD8N70U Datasheet
264Kb / 8P
Superior Avalanche Rugged Technology
HFN6N70U SEMIHOW-HFN6N70U Datasheet
256Kb / 7P
Superior Avalanche Rugged Technology
HFP2N60U SEMIHOW-HFP2N60U Datasheet
197Kb / 8P
Superior Avalanche Rugged Technology
HFP5N50U SEMIHOW-HFP5N50U Datasheet
209Kb / 8P
Superior Avalanche Rugged Technology
HFP5N70S SEMIHOW-HFP5N70S Datasheet
180Kb / 8P
Superior Avalanche Rugged Technology
HFP13N50U SEMIHOW-HFP13N50U Datasheet
169Kb / 8P
Superior Avalanche Rugged Technology
HFP13N65U SEMIHOW-HFP13N65U Datasheet
200Kb / 8P
Superior Avalanche Rugged Technology
HFP50N06GC SEMIHOW-HFP50N06GC Datasheet
175Kb / 8P
Superior Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com