Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4100 Datasheet(PDF) 2 Page - Marl International Limited

Part # LP4100
Description  High Power Constant Current LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

LP4100 Datasheet(HTML) 2 Page - Marl International Limited

  LP4100_15 Datasheet HTML 1Page - Marl International Limited LP4100_15 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz143f
Mechanical
Physical Size: 12.4” x 1.57” x 1.125” (L x W x H)
CONTROL LINE:
POT
CONNECTIONS
18 AWG, UL1332
12.4 [315.0]
12.6 [320.0]
1.57 [40.0]
8.0 [203]
min
1.54 [39.0]
(max)
0.08 [2.0]
R0.1 [R2.5]
DC OUTPUT
18AWG, UL1332
RED(+), BLACK(-)
(4 PAIRS)
AC INPUT
18 AWG, UL1332
BLACK--> LINE
WHITE --> NEUTRAL
GREEN ---> GROUND



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com