Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT521 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # PT521
Description  TO-Can PIN Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PT521 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  PT521 Datasheet HTML 1Page - Roithner LaserTechnik GmbH PT521 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16.08.2012
PT521
1 of 2
PT521
TECHNICAL DATA
TO-Can PIN Photodiode
Flat Window
PT521 is an InGaAs pin structure based photodiode on InP by MOCVD method and planar diffusing
technology. The sensitive area is Ø 300µm respectively. TO-46 package with flat window.
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
25
V
Optical Current
IOP
10
mA
Forward Current
IF
10
mA
Power Dissipation
PD
100
mW
Operating Temperature
Topr
-40 … +85
°C
Storage Temperature
Tstg
-40 … +125
°C
Soldering Temperature (max. 10 s)
Tsol
260
°C
Specifications (Ta=25°C)
Item
Value
Unit
Sensitive Area
Ø 300
µm
Spectral Response
Range
Normal
500 .. 1650
nm
Broad
-
nm
Responsivity (0 V)
λ=850 nm
≥0.20
A/W
λ=1310 nm
≥0.75
A/W
λ=1550 nm
≥0.80
A/W
Linear Range (0 V)
-
-70 .. +10
dBm
Capacitance (-5 V)
≤12
pF
Dark Current (-5 V)
≤5
nA
Operating Voltage
0 .. -10
V
Linearity
-
dB
Splicing Deviation
±0.1
dB
Splicing Life
10
5
time
Highest Unsaturated Power
-
dBm


Similar Part No. - PT521

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT52A012B MACOM-PT52A012B Datasheet
333Kb / 4P
6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
PT52A024B MACOM-PT52A024B Datasheet
333Kb / 4P
6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
PT52A506B MACOM-PT52A506B Datasheet
526Kb / 1P
Tyco Electronics Corporation Shen Zhen, Ching
PT52A512B MACOM-PT52A512B Datasheet
526Kb / 1P
Tyco Electronics Corporation Shen Zhen, Ching
PT52A512B MACOM-PT52A512B Datasheet
333Kb / 4P
6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
More results

Similar Description - PT521

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ3108 PANASONIC-PNZ3108 Datasheet
44Kb / 2P
PIN Photodiode
PNZ331CL PANASONIC-PNZ331CL Datasheet
53Kb / 3P
PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FER2 KODENSHI-HPI-6FER2 Datasheet
200Kb / 2P
PIN Photodiode
HPI-6FGR4 KODENSHI-HPI-6FGR4 Datasheet
200Kb / 2P
PIN Photodiode
HPI-6FH KODENSHI-HPI-6FH Datasheet
200Kb / 2P
PIN Photodiode
HPI-2464 KODENSHI-HPI-2464 Datasheet
224Kb / 2P
PIN Photodiode
logo
Panasonic Semiconductor
PNZ335 PANASONIC-PNZ335 Datasheet
56Kb / 3P
PIN Photodiode
logo
Roithner LaserTechnik G...
PT511-2 ROITHNER-PT511-2 Datasheet
96Kb / 1P
TO-Can PIN Photodiode
PT511B ROITHNER-PT511B Datasheet
148Kb / 2P
TO-Can PIN Photodiode
PT410 ROITHNER-PT410 Datasheet
134Kb / 2P
TO-Can PIN Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com