Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2205 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2205
Description  16-Bit, 65Msps/40Msps ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2205 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2205_15 Datasheet HTML 17Page - Linear Technology LTC2205_15 Datasheet HTML 18Page - Linear Technology LTC2205_15 Datasheet HTML 19Page - Linear Technology LTC2205_15 Datasheet HTML 20Page - Linear Technology LTC2205_15 Datasheet HTML 21Page - Linear Technology LTC2205_15 Datasheet HTML 22Page - Linear Technology LTC2205_15 Datasheet HTML 23Page - Linear Technology LTC2205_15 Datasheet HTML 24Page - Linear Technology LTC2205_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC2205/LTC2204
21
22054fc
SAMPLE/HOLD OPERATION AND INPUT DRIVE
Sample/Hold Operation
Figure 2 shows an equivalent circuit for the LTC2205/
LTC2204 CMOS differential sample and hold. The
differential analog inputs are sampled directly onto
sampling capacitors (CSAMPLE)throughNMOStransistors.
The capacitors shown attached to each input (CPARASITIC)
are the summation of all other capacitance associated
with each input.
During the sample phase when ENC is low, the NMOS
transistors connect the analog inputs to the sampling
capacitors which charge to, and track the differential
input voltage. When ENC transitions from low to high, the
sampled input voltage is held on the sampling capacitors.
During the hold phase when ENC is high, the sampling
capacitors are disconnected from the input and the held
voltage is passed to the ADC core for processing. As ENC
transitions for high to low, the inputs are reconnected to
the sampling capacitors to acquire a new sample. Since
the sampling capacitors still hold the previous sample,
a charging glitch proportional to the change in voltage
between samples will be seen at this time. If the change
between the last sample and the new sample is small,
the charging glitch seen at the input will be small. If the
input change is large, such as the change seen with input
frequencies near Nyquist, then a larger charging glitch
will be seen.
Common Mode Bias
The ADC sample-and-hold circuit requires differential
drive to achieve specified performance. Each input should
swing ±0.5625V for the 2.25V range (PGA = 0) or ±0.375V
for the 1.5V range (PGA = 1), around a common mode
voltage of 1.25V. The VCM output pin (Pin 2) is designed
to provide the common mode bias level. VCM can be tied
directly to the center tap of a transformer to set the DC
input level or as a reference level to an op amp differential
driver circuit. The VCM pin must be bypassed to ground
close to the ADC with 2.2μF or greater.
Input Drive Impedance
As with all high performance, high speed ADCs the
dynamic performance of the LTC2205/LTC2204 can be
influenced by the input drive circuitry, particularly the
second and third harmonics. Source impedance and
input reactance can influence SFDR. At the falling edge
of ENC the sample-and-hold circuit will connect the 4.9pF
sampling capacitor to the input pin and start the sampling
period. The sampling period ends when ENC rises, holding
the sampled input on the sampling capacitor. Ideally,
the input circuitry should be fast enough to fully charge
the sampling capacitor during the sampling period
1/(2FENCODE); however, this is not always possible and the
incomplete settling may degrade the SFDR. The sampling
glitch has been designed to be as linear as possible to
minimize the effects of incomplete settling.
For the best performance it is recommended to have a
source impedance of 100Ω or less for each input. The
source impedance should be matched for the differential
inputs. Poor matching will result in higher even order
harmonics, especially the second.
INPUT DRIVE CIRCUITS
Input Filtering
A first order RC lowpass filter at the input of the ADC can
serve two functions: limit the noise from input circuitry and
provide isolation from ADC S/H switching. The LTC2205/
LTC2204 have a very broadband S/H circuit, DC to 700MHz;
it can be used in a wide range of applications; therefore, it is
not possible to provide a single recommended RC filter.
Figures 3, 4a and 4b show three examples of input RC
filtering at three ranges of input frequencies. In general
it is desirable to make the capacitors as large as can be
tolerated—this will help suppress random noise as well
as noise coupled from the digital circuitry. The LTC2205/
LTC2204 do not require any input filter to achieve data sheet
specifications; however, no filtering will put more stringent
noise requirements on the input drive circuitry.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com