Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA28 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMA28
Description  10 TO 1500 MHz CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA28 Datasheet(HTML) 1 Page - Tyco Electronics

  SMA28 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
·HIGH OUTPUT LEVEL: +15 dBm (TYP.)
·HIGH THIRD ORDER I.P.: +29 dBm (TYP.)
·WIDE POWER SUPPLY RANGE:
+5 TO +15 VOLTS
A28/SMA28
10 TO 1500 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 11/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.0-1.6 GHz
11.0 dB
±0.2 dB
17 dB
6.0 dB
15.0 dBm
+29 dBm
+44 dBm
+49 dBm
1.5:1 / 1.5:1
45 mA
0.0-1.5 GHz
10.0 dB
±0.6 dB
13.5 dBm
7.0 dB
14.0 dBm
2.1:1 / 2.1:1
53 mA
2.0:1 / 2.0:1
50 mA
0.0-1.5 GHz
9.5 dB
±1.0 dB
7.5 dB
-62° to +125°C
125°C
+17 Volts
+13 dBm
50 mW
0.5 W
125°C
145°C/W
0.429 W
62°C
A28
SMA28
CA28


Similar Part No. - SMA28

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA28 MACOM-SMA28 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
MIC GROUP RECTIFIERS
SMA28 MIC-SMA28 Datasheet
65Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA28 MA-COM-SMA28 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
SMA28 MA-COM-SMA28 Datasheet
636Kb / 3P
Cascadable Amplifier 10 to 1500 MHz
logo
SUNMATE electronic Co.,...
SMA28 SUNMATE-SMA28 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMA28

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A29-1 MACOM-A29-1 Datasheet
112Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
RA26 MACOM-RA26 Datasheet
324Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A26 MACOM-A26_1 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A27 MACOM-A27 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A28 MACOM-A28_1 Datasheet
359Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA26 MA-COM-SMA26 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
SMA27 MA-COM-SMA27 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
SMA28 MA-COM-SMA28 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
SMA29-1 MA-COM-SMA29-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
A28 MA-COM-A28 Datasheet
636Kb / 3P
Cascadable Amplifier 10 to 1500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com