Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2223 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2223
Description  12-Bit,105Msps/ 80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2223 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2223_15 Datasheet HTML 17Page - Linear Technology LTC2223_15 Datasheet HTML 18Page - Linear Technology LTC2223_15 Datasheet HTML 19Page - Linear Technology LTC2223_15 Datasheet HTML 20Page - Linear Technology LTC2223_15 Datasheet HTML 21Page - Linear Technology LTC2223_15 Datasheet HTML 22Page - Linear Technology LTC2223_15 Datasheet HTML 23Page - Linear Technology LTC2223_15 Datasheet HTML 24Page - Linear Technology LTC2223_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2222/LTC2223
21
22223fb
APPLICATIONS INFORMATION
Figure 11. Transformer Driven ENC+/ENC–
In applications where jitter is critical (high input frequen-
cies) take the following into consideration:
1. Differential drive should be used.
2. Use as large an amplitude as possible; if transformer
coupled use a higher turns ratio to increase the
amplitude.
3. If the ADC is clocked with a sinusoidal signal, filter the
encode signal to reduce wideband noise.
4. Balance the capacitance and series resistance at both
encode inputs so that any coupled noise will appear at
both inputs as common mode noise. The encode inputs
have a common mode range of 1.1V to 2.5V. Each input
may be driven from ground to VDD for single-ended
drive.
Maximum and Minimum Encode Rates
The maximum encode rate for the LTC2222/LTC2223 is
105Msps (LTC2222) and 80Msps (LTC2223). For the
ADC to operate properly, the encode signal should have a
50% (±5%) duty cycle. Each half cycle must have at least
4.5ns (LTC2222) or 5.9ns (LTC2223) for the ADC internal
circuitry to have enough settling time for proper operation.
Achieving a precise 50% duty cycle is easy with differential
sinusoidal drive using a transformer or using symmetric
differential logic such as PECL or LVDS.
An optional clock duty cycle stabilizer circuit can be used
if the input clock has a non 50% duty cycle. This circuit
uses the rising edge of the ENC+ pin to sample the analog
input. The falling edge of ENC+ is ignored and the internal
falling edge is generated by a phase-locked loop. The input
clock duty cycle can vary from 20% to 80% and the clock
duty cycle stabilizer will maintain a constant 50% internal
duty cycle. If the clock is turned off for a long period of
time, the duty cycle stabilizer circuit will require a hundred
clock cycles for the PLL to lock onto the input clock. To
use the clock duty cycle stabilizer, the MODE pin should be
connected to 1/3VDD or 2/3VDD using external resistors.
Input Range
The input range can be set based on the application.
The 2V input range will provide the best signal-to-noise
performance while maintaining excellent SFDR. The 1V
input range will have better SFDR performance, but the
SNR will degrade by 5dB. See the Typical Performance
Characteristics section.
Driving the Encode Inputs
The noise performance of the LTC2222/LTC2223 can
depend on the encode signal quality as much as on the
analog input. The ENC+/ENC– inputs are intended to be
driven differentially, primarily for noise immunity from
common mode noise sources. Each input is biased
through a 6k resistor to a 1.6V bias. The bias resistors
set the DC operating point for transformer coupled drive
circuits and can set the logic threshold for single-ended
drive circuits.
Any noise present on the encode signal will result in ad-
ditional aperture jitter that will be RMS summed with the
inherent ADC aperture jitter.
VDD
VDD
LTC2222/LTC2223
22223 F11
VDD
ENC–
ENC+
1.6V BIAS
1.6V BIAS
1:4
0.1μF
CLOCK
INPUT
50Ω
6k
6k
TO INTERNAL
ADC CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com