Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5004 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # PFS5004
Description  50A 1/2 RUGGED LEAD PRESS-FIT DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PFS5004 Datasheet(HTML) 2 Page - Won-Top Electronics

  PFS5004 Datasheet HTML 1Page - Won-Top Electronics PFS5004 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: April, 2012
PFS5000 – PFS5006
WON-TOP ELECTRONICS
®
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
PFS5000
DO-21 Rugged Lead Press-Fit
120 Units/Box
PFS5001
DO-21 Rugged Lead Press-Fit
120 Units/Box
PFS5002
DO-21 Rugged Lead Press-Fit
120 Units/Box
PFS5003
DO-21 Rugged Lead Press-Fit
120 Units/Box
PFS5004
DO-21 Rugged Lead Press-Fit
120 Units/Box
PFS5005
DO-21 Rugged Lead Press-Fit
120 Units/Box
PFS5006
DO-21 Rugged Lead Press-Fit
120 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, PFS5000-LF.
WON-TOP ELECTRONICS and
are registered trademarks of Won-Top Electronics Co., Ltd (WTE). WTE has checked all information carefully and
believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the
purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein
without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road,
Chine Chen Dist., Kaohsiung 806, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com