Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3035LWN-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3035LWN-13
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3035LWN-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3035LWN-13 Datasheet HTML 1Page - Diodes Incorporated DMN3035LWN-13 Datasheet HTML 2Page - Diodes Incorporated DMN3035LWN-13 Datasheet HTML 3Page - Diodes Incorporated DMN3035LWN-13 Datasheet HTML 4Page - Diodes Incorporated DMN3035LWN-13 Datasheet HTML 5Page - Diodes Incorporated DMN3035LWN-13 Datasheet HTML 6Page - Diodes Incorporated DMN3035LWN-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN3035LWN
Document number: DS37528 Rev. 2 - 2
4 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMN3035LWN
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
I
D, DRAIN CURRENT(A)
Figure 5 Typical On-Resistance vs Drain Current
and Temperature
V
GS= 10V
-55℃
+25℃
+85℃
+125℃
+150℃
0.6
0.8
1
1.2
1.4
1.6
1.8
-50 -25
0
25
50
75 100 125 150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6 On-Resistance Variation with Temperature
VGS=10V, ID=4.8A
VGS=4.5V, ID=4.3A
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7 On-Resistance Variation with Temperature
VGS=4.5V, ID=4.3A
VGS=10V, ID=4.8A
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8 Gate Threshold Variation vs Ambient
Temperature
ID=250mA
ID=1mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com