Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4800LSSL Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN4800LSSL
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4800LSSL Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN4800LSSL_15 Datasheet HTML 1Page - Diodes Incorporated DMN4800LSSL_15 Datasheet HTML 2Page - Diodes Incorporated DMN4800LSSL_15 Datasheet HTML 3Page - Diodes Incorporated DMN4800LSSL_15 Datasheet HTML 4Page - Diodes Incorporated DMN4800LSSL_15 Datasheet HTML 5Page - Diodes Incorporated DMN4800LSSL_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN4800LSSL
Document number: DS35016 Rev. 4 - 2
4 of 6
www.diodes.com
November 2013
© Diodes Incorporated
DMN4800LSSL
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50 -25
0
25
50
75
100 125 150
T , AMBIENT TEMPERATURE (°C)
A
0
0.4
0.8
1.2
1.6
I = 250µA
D
I = 1mA
D
0
4
8
12
16
20
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Fig. 8 Diode Forward Voltage vs. Current
V , SOURCE-DRAIN VOLTAGE (V)
SD
T = 25°C
A
0
5
10
15
20
25
30
10
100
1,000
10,000
Fig. 9 Typical Total Capacitance
V , DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
Crss
Coss
0
2
4
6
8
10
02
4
6
8
10
12
14
16
Fig. 10 Total Gate Charge
Q, TOTAL GATE CHARGE (nC)
G
I = 11.6A
D
I = 9A
D
0510
15
20
25
30
Fig. 11 Typical Leakage Current vs. Drain-Source Voltage
V , DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
10,000
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com