Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3015LSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3015LSD
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3015LSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3015LSD_15 Datasheet HTML 1Page - Diodes Incorporated DMN3015LSD_15 Datasheet HTML 2Page - Diodes Incorporated DMN3015LSD_15 Datasheet HTML 3Page - Diodes Incorporated DMN3015LSD_15 Datasheet HTML 4Page - Diodes Incorporated DMN3015LSD_15 Datasheet HTML 5Page - Diodes Incorporated DMN3015LSD_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN3015LSD
Document number: DS36300 Rev. 2 - 2
4 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMN3015LSD
0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1.0
1.2
V , SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
10
100
1000
10000
0
2
4
6
8
1012 1416 1820
Ciss
Coss
Crss
Q(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
V
= 15V
I=
A
DS
D
12
V , DRAIN-SOURCE VOLTAGE (V)
Figure 11 SOA, Safe Operation Area
DS
T
= 150°C
T = 25°C
V
= 10V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
0.01
0.1
1
10
100
R
Limited
DS(on)
0.1
1
10
100
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P= 10ms
W
P = 1ms
W
P = 100µs
W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com