Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS2702 Datasheet(PDF) 4 Page - Winson Semiconductor Corp.

Part # WCS2702
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2702 Datasheet(HTML) 4 Page - Winson Semiconductor Corp.

  WCS2702 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2702 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2702 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS2702 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS2702 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WCS2702
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/27
WCS2702 Vout V.S IP(-)
y = -0.0983x + 2.5923 Best linear equations
R² = 0.9996 the goodness of fit of the trend line
0
0.5
1
1.5
2
2.5
3
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2 (A)
V
WCS2702 Sensitivity V.S Supply Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
3
4
5
6
7
8
9
10
11
12 (V)
(V/A)
WCS2702 Sensitivity V.S Supply Voltage 3V~5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5(V)
(V/A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com