Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD630 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFD630
Description  Superior Avalanche Rugged Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFD630 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFD630 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFD630 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFD630 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFD630 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFD630 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFD630 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFD630 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFD630 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BV
DSS = 200 V
R
DS(on) typ
I
D = 7.2 A
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge : 22 nC (Typ.)
Extended Safe Operating Area
Lower R
DS(ON)
GS=10V
100% Avalanche Tested
FEATURES
Absolute Maximum Ratings
T
C=25
unless otherwise specified
HFD630 / HFU630
200V N-Channel MOSFET
Dec 2012
D-PAK
1.Gate 2. Drain 3. Source
I-PAK
HFD630
HFU630
2
1
2
3
1
3
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
200
V
I
D
Drain Current
– Continuous (T
C = 25
7.2
A
Drain Current
– Continuous (T
C = 100
4.6
A
I
DM
Drain Current
– Pulsed
(Note 1)
28.8
A
V
GS
Gate-Source Voltage
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
160
mJ
I
AR
Avalanche Current
(Note 1)
7.2
A
E
AR
Repetitive Avalanche Energy
(Note 1)
4.6
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
A = 25
) *
2.5
W
Power Dissipation (T
C = 25
- Derate above 25
46
W
0.37
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
2.7
R
JA
Junction-to-Ambient*
--
50
R
JA
Junction-to-Ambient
--
110
* When mounted on the minimum pad size recommended (PCB Mount)


Similar Part No. - HFD630

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
HFD630 DOINGTER-HFD630 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HFD630A SEMIHOW-HFD630A Datasheet
407Kb / 8P
200V N-Channel MOSFET
HFD630A SEMIHOW-HFD630A Datasheet
408Kb / 8P
200V N-Channel MOSFET
More results

Similar Description - HFD630

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCD65R360S SEMIHOW-HCD65R360S Datasheet
268Kb / 8P
Superior Avalanche Rugged Technology
HCS65R600S SEMIHOW-HCS65R600S Datasheet
166Kb / 7P
Superior Avalanche Rugged Technology
HFD8N70U SEMIHOW-HFD8N70U Datasheet
264Kb / 8P
Superior Avalanche Rugged Technology
HFN6N70U SEMIHOW-HFN6N70U Datasheet
256Kb / 7P
Superior Avalanche Rugged Technology
HFP2N60U SEMIHOW-HFP2N60U Datasheet
197Kb / 8P
Superior Avalanche Rugged Technology
HFP5N50U SEMIHOW-HFP5N50U Datasheet
209Kb / 8P
Superior Avalanche Rugged Technology
HFP5N70S SEMIHOW-HFP5N70S Datasheet
180Kb / 8P
Superior Avalanche Rugged Technology
HFP13N50U SEMIHOW-HFP13N50U Datasheet
169Kb / 8P
Superior Avalanche Rugged Technology
HFP13N65U SEMIHOW-HFP13N65U Datasheet
200Kb / 8P
Superior Avalanche Rugged Technology
HFP50N06GC SEMIHOW-HFP50N06GC Datasheet
175Kb / 8P
Superior Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com