Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS5N70S Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFS5N70S
Description  Superior Avalanche Rugged Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS5N70S Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFS5N70S Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS5N70S Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS5N70S Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS5N70S Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS5N70S Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS5N70S Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS5N70S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
V
DS, Drain-Source Voltage [V]
Typical Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
25
oC
150
oC
* Note :
1. V
GS = 0V
2. 250 s Pulse Test
V
SD , Source-Drain Voltage [V]
246
8
10
10
-1
10
0
10
1
* Note
1. V
DS = 50V
2. 250 s Pulse Test
-55
oC
150
oC
25
oC
V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
0
200
400
600
800
1000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
02
46
8
10
0
2
4
6
8
* Note : T
J = 25
oC
V
GS = 20V
V
GS = 10V
I
D , Drain Current [A]
02
468
10
12
0
2
4
6
8
10
12
Q
G, Total Gate Charge [nC]
* Note : I
D = 4.0A
V
DS = 350V
V
DS = 140V
V
DS = 560V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com