Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTM8000 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # TTM8000
Description  8 Channel Time to Digital Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

TTM8000 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  TTM8000 Datasheet HTML 1Page - Roithner LaserTechnik GmbH TTM8000 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
TTM8000
8 Channel Time to Digital Converter
The Time Tagging Module TTM8000 is an 8 channel time-to-digital converter. Incoming signals are tagged
with a 64 bit timestamp. The time resolution (bin size) depends on the selected measurement mode (between
82.3 and 1ps).
Hardware
• As unique feature, the TTM-8000 can continuously delivers
up to 25 million Events per second.
• Gigabit Ethernet enables flexible access to the
measurement device.
• Oven-controlled crystal oscillator (OCXO) guaranties high
stability. The reference clock can be fine trimmed within ±1.5
ppm via software.
• Up to 8 TTM8000 can be synchronized to obtain a higher
number of channels.
• Threshold voltage for each trigger signal and external clock
individually controllable (-4.1 to +4.1V) to accommodate a
wide range of logic standards.
• User programmable analog and digital I/O to support your
measurement.
Software
• Convenient C/C++ API (TTMLib) handles all the low-level
access to the TTM-8000 hardware.
• Ready-to-Use software for Linux and Windows (GUI and
command line oriented) to get you started as quickly as
possible. The software is based on TTMLib and comes with
full sources, so that you can easily expand it to match your
specific needs
• Libraries to integrate the TTM-8000 into your LabVIEW™
application are available for Linux and Windows
DEVELOPED IN COOPERATION WITH
LICENSED THROUGH…
Fields of Application
•
Precision Time Measurement
•
Jitter Measurement
•
Correlation Measurement
•
Time-of-Flight Measurement
•
Single Photon Counting
•
Time Correlated Photon Counting
•
Quantum Optics
•
Quantum Cryptography
Quantum Key Distribution
•
High Energy Physics
•
Particle Physics
•
Fluorescence Microscopy
Fluorescence Lifetime Imaging
•
Light Detection and Ranging (LIDAR)
•
High Precision Timing Analysis
•
Continuous High Precision Event
Recording
Key Features
•
4 measurement modes:
•
8 channels / 82.3ps resolution / continuous
•
2 channels / 41.2ps resolution / multi stop
•
2 channels / 27.4ps resolution / multi stop
•
2 channels / 1ps resolution / single stop
•
Delivers up to 25 million events per second
•
Gigabit Ethernet
•
Variable threshold voltage (for each trigger)
•
Ready-to-Use software for Linux and Windows


Similar Part No. - TTM8000

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
155Kb / 2P
Temperature measurement miniature transmitter for external probes
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
754Kb / 4P
Temperature Detection – With Current Output and PNP/NPN Transistor Switching Output
11/08/2023
TTM-100-LIUPN-H1140/P0002 TURCK-TTM-100-LIUPN-H1140/P0002 Datasheet
756Kb / 5P
Temperature Detection – With Current Output and PNP/NPN Transistor Switching Output
11/08/2023
TTM-100-LIUPN-H1140/S713 TURCK-TTM-100-LIUPN-H1140/S713 Datasheet
756Kb / 5P
Temperature Detection – With Current Output and PNP/NPN Transistor Switching Output
11/08/2023
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
Temperature measurement
More results

Similar Description - TTM8000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
logo
ams AG
TDC-GPX AMSCO-TDC-GPX Datasheet
1Mb / 54P
Ultra-high Performance 8 Channel Time- to-Digital Converter
logo
Texas Instruments
TDC7200 TI1-TDC7200_16 Datasheet
1Mb / 50P
Time-to-Digital Converter
logo
Keysight Technologies
U1050A KEYSIGHT-U1050A Datasheet
1Mb / 6P
Acqiris Time-to-Digital Converter
U1051A KEYSIGHT-U1051A Datasheet
726Kb / 6P
Acqiris TC890 Time-to-Digital Converter
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
4-Channel Time-to-Digital Converter
logo
Maxim Integrated Produc...
MAX35102 MAXIM-MAX35102 Datasheet
999Kb / 37P
Time-to-Digital Converter Without RTC
19-7442; Rev 0; 11/14
logo
Sciosense B.V.
AS6500 SCIOSENSE-AS6500 Datasheet
344Kb / 3P
AS6500 – 4-channel Time-to-Digital Converter
TDC-GPX2 SCIOSENSE-TDC-GPX2 Datasheet
344Kb / 3P
TDC-GPX2 – 4-channel Time-to-Digital Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com