Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20100CT Datasheet(PDF) 2 Page - Wisdom technologies Int`l

Part # MBRF20100CT
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISDOM [Wisdom technologies Int`l]
Direct Link  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

MBRF20100CT Datasheet(HTML) 2 Page - Wisdom technologies Int`l

  MBRF20100CT Datasheet HTML 1Page - Wisdom technologies Int`l MBRF20100CT Datasheet HTML 2Page - Wisdom technologies Int`l MBRF20100CT Datasheet HTML 3Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
   Rev.A0,August , 2010 | 
 
Typical Characteristics
Figure 1. Typical Forward Voltage Characteristics
(per diode)
Figure 3. Typical Junction Capacitance
(per diode)
Figure 5. Forward Current Derating Curve
Figure 2. Typical Reverse Current
vs. Reverse Voltage (per diode)
Figure 4. Thermal Impedance Characteristics
(per diode)
Figure 6. Non-Repetive Surge Current
(per diode)
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
T
J=125
o
C
T
J=75
o
C
T
J=25
o
C
Forward Voltage Drop, V
F[V]
0
204060
80
100
80
90
100
200
300
400
500
600
700
800
900
1000
T
J=25
o
C
Reverse Voltage, V
R[V]
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
DC
Case Temperature, T
C[
o
C]
20
40
60
80
100
1E-3
0.01
0.1
1
10
T
J=125
oC
T
J=75
oC
T
J=25
oC
Reverse Voltage, V
R[V]
100µ
1m
10m
100m
1
10
100
0.1
1
10
Pulse Duration [s]
1
10
100
0
50
100
150
200
250
Number of Cycles @ 60Hz
20A SCHOTTKY BARRIER RECTIFIER
www.wisdom-technologies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com