Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-177 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-177
Description  Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-177 Datasheet(HTML) 2 Page - Tyco Electronics

  AM-177 Datasheet HTML 1Page - Tyco Electronics AM-177 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-177
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
Typical Performance Curves
Noise Figure
2
1 dB Compression
Intermodulation Intercept
Gain vs. Frequency
VSWR vs. Frequency
Ordering Information
Part Number
Package
AM-177 PIN
4
TO-8-1
4. Mounting kit part number AU00071 required for PCB
applications.
20
21
22
23
3
5
10
20
50
100
300
500
700
900 1100
Frequency (MHz)
11
12
13
14
3
5
10
20
50
100
300
500
700
900
1100
Frequency (MHz)
85°C
25°C
-55°C
5
6
7
8
9
10
3
5
10
20
50
100
300
500
700
900 1100
Frequency (MHz)
+85°C
+25°C
30
40
50
60
3
5
10
20
50
100
300
500
700
900 1100
Frequency (MHz)
IP2
IP3
1.0
1.2
1.4
1.6
1.8
2.0
3
5
10
20
50
100
300
500
700
900
1100
Frequency (MHz)
RF IN
RF OUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com