Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20150CT Datasheet(PDF) 2 Page - Wisdom technologies Int`l

Part # MBRF20150CT
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISDOM [Wisdom technologies Int`l]
Direct Link  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

MBRF20150CT Datasheet(HTML) 2 Page - Wisdom technologies Int`l

  MBRF20150CT Datasheet HTML 1Page - Wisdom technologies Int`l MBRF20150CT Datasheet HTML 2Page - Wisdom technologies Int`l MBRF20150CT Datasheet HTML 3Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
   Rev.A0,August , 2010 | 
2 
 
Typical Characteristics
20A SCHOTTKY BARRIER RECTIFIER
Figure 1. Forward Current Characteristics
Figure 2. Reverse Leakage Current
Figure 3.Junction Capacitance
Figure 4. Power Derating
0.01
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T
J
=125
oC
T
J
=75
oC
T
J
=25
oC
Forward Voltage Drop, V
F
[V]
50
100
150
200
1E-3
0.01
0.1
1
10
100
1000
T
J
=125
oC
T
J
=25
oC
Reverse Voltage, V
R
[V]
T
J
=75
oC
024
68
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
f=1mhz
Reverse Voltage, V
R
[V]
0
25
50
75
100
125
150
0
5
10
15
20
25
30
DC
Case Temperature, T
C
[
oC]
www.wisdom-technologies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com