Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-134PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-134PIN
Description  High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-134PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-134PIN Datasheet HTML 1Page - Tyco Electronics AM-134PIN Datasheet HTML 2Page - Tyco Electronics AM-134PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
AM-/AMC-134
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 4.00
2
Electrical Specifications
2 T
A = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
50 MHz @ +25°C
50 MHz
dB
14.0
14.6
15.2
Frequency Response
—
5 - 200 MHz
dB
—
—
±0.5
Gain Variation with
Temperature
—
5 - 200 MHz
dB
-1.0
—
+0.5
1 dB Compression
Output Power
5 - 200 MHz
dBm
+23
—
—
Noise Figure
—
5 - 200 MHz
dB
—
—
7.0
Reverse Transmission
—
5 - 200 MHz
dB
—
-21
-19
VSWR
—
5 - 200 MHz
Ratio
—
—
2.5:1
Output IP2
Two-tone inputs up to +10 dBm
5 - 200 MHz
dBm
+55
—
—
—
—
Output IP3
Two-tone inputs up to +10 dBm
5 - 200 MHz
5 - 70 MHz
dBm
dBm
+37
+42
—
—
—
—
Vbias
—
—
V
14.25
15
15.75
Ibias
Vbias = +15.0 VDC
—
mA
—
90
110
Power Dissipation
@ +15V Bias
—
W
—
1.35
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1.75W must
be provided in use.
Typical Performance Curves
Intermodulation Intercept
Gain vs. Frequency
13.0
14.0
15.0
16.0
3
5
10
20
50
100
200
300
Frequency (MHz)
+85°C
+25°C
-55°C
58
60
62
64
66
3
5
10
20
50
100
200
300
Frequency (MHz)
42
44
46
48
50
IP2
IP3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com