Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT4209 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT4209
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT4209 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT4209 Datasheet HTML 1Page - Central Semiconductor Corp CMPT4209 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPT4209
SURFACE MOUNT
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT4209 is
a PNP Silicon Transistor designed for high speed
switching applications.
MARKING CODE: 4209
SOT-23 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
15
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
4.5
V
Continuous Collector Current
IC
200
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICES
VCE=8.0V
10
nA
ICES
VCE=8.0V, TA=125°C
5.0
μA
BVCBO
IC=100μA
15
V
BVCES
IC=100μA
15
V
BVCEO
IC=3.0mA
15
V
BVEBO
IE=100μA
4.5
V
VCE(SAT)
IC=1.0mA, IB=100μA
0.15
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.18
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.60
V
VBE(SAT)
IC=1.0mA, IB=100μA
0.80
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.69
0.86
V
VBE(SAT)
IC=50mA, IB=5.0mA
1.5
V
hFE
VCE=0.5V, IC=1.0mA
35
hFE
VCE=0.3V, IC=10mA
50
120
hFE
VCE=0.3V, IC=10mA, TA=-55°C
20
hFE
VCE=1.0V, IC=50mA
40
fT
VCE=10V, IC=10mA, f=100MHz
850
MHz
Cob
VCB=5.0V, IE=0
7.0
pF
Cib
VBE=0.5V, IC=0
7.0
pF
R0 (1-December 2011)
www.centr a lsemi.com


Similar Part No. - CMPT4209

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT4033 CENTRAL-CMPT4033 Datasheet
78Kb / 2P
PNP SILICON TRANSISTOR
CMPT4033 CENTRAL-CMPT4033_10 Datasheet
327Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4033 CENTRAL-CMPT4033_15 Datasheet
327Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT404A CENTRAL-CMPT404A Datasheet
123Kb / 2P
SURFACE MOUNT PNP SILICON CHOPPER TRANSISTOR
CMPT404A CENTRAL-CMPT404A_10 Datasheet
327Kb / 2P
SURFACE MOUNT PNP SILICON CHOPPER TRANSISTOR
More results

Similar Description - CMPT4209

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMLT591E CENTRAL-CMLT591E_10 Datasheet
511Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5401 CENTRAL-CMPT5401_10 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMST5086 CENTRAL-CMST5086_10 Datasheet
407Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com