Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT5088 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT5088
Description  SURFACE MOUNT NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT5088 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT5088 Datasheet HTML 1Page - Central Semiconductor Corp CMPT5088 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPT5088
CMPT5089
SURFACE MOUNT
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT5088 and
CMPT5089 are NPN silicon transistors manufactured
by the epitaxial planar process, epoxy molded in a
surface mount package, designed for small signal
general purpose and switching applications.
MARKING CODES: CMPT5088: C1Q
CMPT5089: C1R
SOT-23 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CMPT5088
CMPT5089
UNITS
Collector-Base Voltage
VCBO
35
30
V
Collector-Emitter Voltage
VCEO
30
25
V
Emitter-Base Voltage
VEBO
4.5
V
Continuous Collector Current
IC
50
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPT5088
CMPT5089
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=20V
-
50
-
-
nA
ICBO
VCB=15V
-
-
-
50
nA
IEBO
VEB=3.0V
-
50
-
-
nA
IEBO
VEB=4.5V
-
-
-
100
nA
BVCBO
IC=100μA
35
-
30
-
V
BVCEO
IC=1.0mA
30
-
25
-
V
BVEBO
IE=100μA
4.5
-
4.5
-
V
VCE(SAT)
IC=10mA, IB=1.0mA
-
0.5
-
0.5
V
VBE(SAT)
IC=10mA, IB=1.0mA
-
0.8
-
0.8
V
hFE
VCE=5.0V, IC=0.1mA
300
900
400
1200
hFE
VCE=5.0V, IC=1.0mA
350
-
450
-
hFE
VCE=5.0V, IC=10mA
300
-
400
-
fT
VCE=5.0V, IC=500μA, f=20MHz
50
-
50
-
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
-
4.0
-
4.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
-
15
-
15
pF
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
350
1400
450
1800
NF
VCE=5.0V, IC=100μA, RS=10kΩ,
f=10Hz to 15.7kHz
-
3.0
-
2.0
dB
R7 (9-September 2010)
www.centra lsemi.com


Similar Part No. - CMPT5088

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT5088 CENTRAL-CMPT5088 Datasheet
99Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTORS
CMPT5088 CENTRAL-CMPT5088 Datasheet
330Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5088 CENTRAL-CMPT5088 Datasheet
328Kb / 2P
NPN - Low Noise Amplifier Transistor Chip
CMPT5088E CENTRAL-CMPT5088E Datasheet
132Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CMPT5088E CENTRAL-CMPT5088E Datasheet
335Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CMPT5088

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT2222A CENTRAL-CMPT2222A_10 Datasheet
329Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5088 CENTRAL-CMPT5088_10 Datasheet
330Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT6428 CENTRAL-CMPT6428_10 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com