Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTA42 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTA42
Description  SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTA42 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTA42 Datasheet HTML 1Page - Central Semiconductor Corp CMPTA42 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPTA42 NPN
CMPTA92 PNP
SURFACE MOUNT
COMPLEMENTARY
HIGH VOLTAGE
SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPTA42 and
CMPTA92 are complementary surface mount epoxy
molded silicon planar epitaxial transistors designed for
high voltage applications.
MARKING CODES: CMPTA42: C1D
CMPTA92: C2D
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CMPTA42
CMPTA92
UNITS
Collector-Base Voltage
VCBO
300
300
V
Collector-Emitter Voltage
VCEO
300
300
V
Emitter-Base Voltage
VEBO
6.0
5.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPTA42
CMPTA92
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=200V
-
100
-
250
nA
IEBO
VBE=6.0V
-
100
-
-
nA
IEBO
VBE=3.0V
-
-
-
100
nA
BVCBO
IC=100µA
300
-
300
-
V
BVCEO
IC=1.0mA
300
-
300
-
V
BVEBO
IE=100µA
6.0
-
5.0
-
V
VCE(SAT)
IC=20mA, IB=2.0mA
-
0.5
-
0.5
V
VBE(SAT)
IC=20mA, IB=2.0mA
-
0.9
-
0.9
V
hFE
VCE=10V, IC=1.0mA
25
-
25
-
hFE
VCE=10V, IC=10mA
40
-
40
-
hFE
VCE=10V, IC=30mA
40
-
25
-
fT
VCE=20V, IC=10mA, f=100MHz
50
-
50
-
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
-
6.0
-
6.0
pF
SOT-23 CASE
R6 (3-February 2010)
www.centra lsemi.com


Similar Part No. - CMPTA42

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA42 CENTRAL-CMPTA42 Datasheet
110Kb / 2P
SILICON COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
CMPTA42E CENTRAL-CMPTA42E Datasheet
124Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42E CENTRAL-CMPTA42E_15 Datasheet
333Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42NPN CENTRAL-CMPTA42NPN Datasheet
110Kb / 2P
SILICON COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
CMPTA42 CENTRAL-CMPTA42_10 Datasheet
327Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
More results

Similar Description - CMPTA42

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT5554 CENTRAL-CMLT5554 Datasheet
92Kb / 2P
SURFACE MOUNT PICOmini DUAL,COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42E CENTRAL-CMPTA42E Datasheet
124Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMLT5554 CENTRAL-CMLT5554_10 Datasheet
582Kb / 2P
SURFACE MOUNT DUAL,COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CXTA42 CENTRAL-CXTA42 Datasheet
289Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CZTA42 CENTRAL-CZTA42_10 Datasheet
533Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42 CENTRAL-CMPTA42_10 Datasheet
327Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPT6517 CENTRAL-CMPT6517_15 Datasheet
329Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42E CENTRAL-CMPTA42E_15 Datasheet
333Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CXTA42 CENTRAL-CXTA42_15 Datasheet
289Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CZTA42 CENTRAL-CZTA42_15 Datasheet
533Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com