Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTH81 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTH81
Description  SURFACE MOUNT PNP SILICON RF TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTH81 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTH81_15 Datasheet HTML 1Page - Central Semiconductor Corp CMPTH81_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPTH81
SURFACE MOUNT
PNP SILICON
RF TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPTH81 type
is a PNP Silicon RF Transistor, epoxy molded in a
surface mount package, designed for general RF
amplifier applications.
MARKING CODE: C3D or 3D
SOT-23 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
20
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
3.0
V
Continuous Collector Current
IC
50
mA
Power Dissipation (Note 1)
PD
225
mW
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
Thermal Resistance
ΘJA
556
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=10V
100
nA
IEBO
VEB=2.0V
100
nA
BVCBO
IC=10μA
20
V
BVCEO
IC=1.0mA
20
V
BVEBO
IE=10μA
3.0
V
VCE(SAT)
IC=5.0mA, IB=500μA
0.5
V
VBE(ON)
VCE=10V, IC=5.0mA
0.9
V
hFE
VCE=10V, IC=5.0mA
60
fT
VCE=10V, IC=5.0mA, f=100MHz
600
MHz
Ccb
VCB=10V, IE=0, f=1.0MHz
0.85
pF
Cce
VCB=10V, IB=0, f=1.0MHz
0.65
pF
Notes: (1) FR-4 Epoxy PCB Substrate 1.6” x 1.6” x 0.06”
R5 (15-August 2012)
www.centr a lsemi.com


Similar Part No. - CMPTH81_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTH81 CENTRAL-CMPTH81_10 Datasheet
332Kb / 2P
SURFACE MOUNT PNP SILICON RF TRANSISTOR
More results

Similar Description - CMPTH81_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSA1022CT1 MOTOROLA-MSA1022CT1 Datasheet
107Kb / 4P
PNP RF Amplifier Transistor Surface Mount
logo
Leshan Radio Company
MS1022 LRC-MS1022 Datasheet
28Kb / 1P
PNP RF Amplifier Transistor Surface Mount
logo
E-Tech Electronics LTD
MSA1022 ETL-MSA1022 Datasheet
78Kb / 1P
PNP RF Amplifier Transistor Surface Mount
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPTH81 CENTRAL-CMPTH81 Datasheet
124Kb / 2P
SURFACE MOUNT PNP SILICON RF TRANSISTOR
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPTH81 CENTRAL-CMPTH81_10 Datasheet
332Kb / 2P
SURFACE MOUNT PNP SILICON RF TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com