Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-147PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-147PIN
Description  High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-147PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-147PIN Datasheet HTML 1Page - Tyco Electronics AM-147PIN Datasheet HTML 2Page - Tyco Electronics AM-147PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
AM-/AMC-147
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Electrical Specifications
2,3 T
A = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@ +25°C
50 MHz
dB
16.4
17.0
17.6
Frequency Response
—
5 - 500 MHz
dB
—
—
± 1.0
Gain Variation with
Temperature
—
5 - 500 MHz
dB
—
—
-1.2,+0.5
1 dB Compression
Output Power
5 - 500 MHz
dBm
+19
—
—
Noise Figure
—
5 - 500 MHz
5 - 300 MHz
dB
dB
—
—
—
—
4.5
3.5
Reverse Transmission
—
5 - 500 MHz
dB
—
-20
-16
VSWR
—
5 - 500 MHz
Ratio
—
—
2.0:1
Output IP2
Two-tone inputs up to +5 dBm
5 - 500 MHz
dBm
+38
—
—
Output IP3
Two-tone inputs up to +5 dBm
5 - 500 MHz
dBm
+28
—
—
Vbias
—
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
—
mA
—
50
60
Power Dissipation
@ +15V Bias
—
mW
—
750
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 850 mW
must be provided in use.
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.19
-68.2
6.75
-153.1
0.09
-152.0
0.20
-21.0
10
0.11
-78.1
7.05
-167.3
0.09
-168.0
0.12
-22.9
200
0.11
-122.1
7.17
136.3
0.11
130.3
0.13
3.8
500
0.17
164.6
7.24
67.9
0.12
66.5
0.19
-38.9
Frequency (MHz)
20
0.07
-83.8
7.17
-176.4
0.10
-177.7
0.10
-13.5
50
0.06
-95.0
7.15
171.4
0.10
170.1
0.09
-1.9
100
0.07
-100.1
7.14
159.2
0.10
156.7
0.10
2.6
300
0.14
-141.7
7.08
114.7
0.11
108.4
0.14
-5.5
400
0.15
-166.3
7.16
91.0
0.11
86.6
0.17
-19.9
S-Parameter Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com