Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFP2N60 Datasheet(PDF) 1 Page - Wisdom technologies Int`l

Part # WFP2N60
Description  600V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISDOM [Wisdom technologies Int`l]
Direct Link  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

WFP2N60 Datasheet(HTML) 1 Page - Wisdom technologies Int`l

  WFP2N60 Datasheet HTML 1Page - Wisdom technologies Int`l WFP2N60 Datasheet HTML 2Page - Wisdom technologies Int`l WFP2N60 Datasheet HTML 3Page - Wisdom technologies Int`l WFP2N60 Datasheet HTML 4Page - Wisdom technologies Int`l WFP2N60 Datasheet HTML 5Page - Wisdom technologies Int`l WFP2N60 Datasheet HTML 6Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HIGH VOLTAGE
N-Channel MOSFET 
 
 
   Rev.A0,August , 2010 | 
1 
 
 
 
WFP2N60
 
600V N-Channel MOSFET
Features
□
Low Intrinsic Capacitances 
□
Excellent Switching Characteristics 
TO‐220  
G‐Gate,D‐Drain,S‐Sourse 
□
Extended Safe Operating Area 
□
Unrivalled Gate Charge :Qg= 8.5nC (Typ.)
□
BVDSS=600V,ID=2A
□
RDS(on) : 5 Ω (Max) @VG=10V
 
□
100% Avalanche Tested
Absolute Maximum Ratings Tc=25℃ unless other wise noted
Symbol
Parameter
WFP2N60
Units
VDSS
Drain-Sourse Voltage
600
V
ID
Drain Current
-continuous (Tc=25℃)
2
A
-continuous (Tc=100℃)
1.5
A
VGS
Gate-Sourse Voltage
±
30
V
EAS
Single Plused Avanche Energy (Note1)
120
mJ
IAR
Avalanche Current
(Note2)
2
A
PD
Power Dissipation (Tc=25℃)
54
W
TJ,TSTG
Operating and Storage Temperature Range
-55 ~ +150
℃
TL
Maximum lead temperature for soldering
purpose,1/8” from case for 5 seconds
300
℃
Thermal Characteristics
 
Symbol
Parameter
Typ.
Max
Units
RθJC
Thermal Resistance,Junction to Case
--
1.95
℃
/W
RθCS
Thermal Resistance,Case to Sink
0.5
--
℃
/W
RθJA
Thermal Resistance,Junction to Ambient
--
62.5
℃
/W
G
S
D
●
●
●
●
●
●
●
●
●
●
●
●
▲
▲
▲
▲
!
!
!
!
!
!
!
!
!
!
!
!
◀
◀
◀
◀
●
●
●
●
●
●
●
●
●
●
●
●
▲
▲
▲
▲
!
!
!
!
!
!
!
!
!
!
!
!
◀
◀
◀
◀
S
D
G
www.wisdom-technologies.com


Similar Part No. - WFP2N60

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFP2N60B WINSEMI-WFP2N60B Datasheet
559Kb / 7P
Silicon N-Channel MOSFET
More results

Similar Description - WFP2N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
600V N-Channel MOSFET
FQB12N60 FAIRCHILD-FQB12N60 Datasheet
540Kb / 9P
600V N-Channel MOSFET
FQB1N60 FAIRCHILD-FQB1N60 Datasheet
545Kb / 9P
600V N-Channel MOSFET
FQD3N60 FAIRCHILD-FQD3N60 Datasheet
575Kb / 9P
600V N-Channel MOSFET
FQP12N60 FAIRCHILD-FQP12N60 Datasheet
532Kb / 8P
600V N-Channel MOSFET
FQP6N60 FAIRCHILD-FQP6N60 Datasheet
536Kb / 8P
600V N-Channel MOSFET
FQP7N60 FAIRCHILD-FQP7N60 Datasheet
581Kb / 8P
600V N-Channel MOSFET
FQPF12N60 FAIRCHILD-FQPF12N60 Datasheet
549Kb / 8P
600V N-Channel MOSFET
FQPF3N60 FAIRCHILD-FQPF3N60 Datasheet
557Kb / 8P
600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com