Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-176PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-176PIN
Description  Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-176PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-176PIN Datasheet HTML 1Page - Tyco Electronics AM-176PIN Datasheet HTML 2Page - Tyco Electronics AM-176PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
AM-/AMC-176
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Electrical Specifications
2,3 T
A = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@ +25°C
500 MHz
dB
12.2
13.2
14.2
Frequency Response
—
5 - 1000 MHz
dB
—
—
±1.0
Gain Variation with
Temperature
—
5 - 1000 MHz
dB
—
—
±1.0
1 dB Compression
Output Power
5 - 1000 MHz
dBm
+12
—
—
Noise Figure
—
5 - 1000 MHz
dB
—
—
5.0
Reverse Transmission
—
5 - 1000 MHz
dB
—
-17
-14
VSWR
—
5 - 1000 MHz
Ratio
—
—
1.8:1
Output IP2
Two-tone inputs up to 0 dBm
5 - 1000 MHz
dBm
+37
—
—
Output IP3
Two-tone inputs up to 0 dBm
5 - 1000 MHz
dBm
+25
—
—
Vbias
—
—
V
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
—
mA
—
38
43
Power Dissipation
@ +15V Bias
—
mW
—
570
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 650 mW
must be provided in use.
S-Parameter Data
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.14
151.3
4.59
-168.1
0.13
-0.9
0.12
144.6
10
0.14
168.4
4.67
-175.5
0.13
0.1
0.10
156.3
250
0.12
132.4
4.56
150.1
0.14
-3.5
0.08
149.9
1000
0.04
-91.4
4.39
58.4
0.16
-28.4
0.07
-9.9
Frequency (MHz)
20
0.14
178.2
4.61
-179.6
0.13
0.0
0.09
166.5
50
0.14
167.9
4.61
174.5
0.13
-0.1
0.09
170.5
100
0.13
161.6
4.58
168.6
0.13
-1.0
0.08
166.8
500
0.10
83.9
4.57
119.8
0.15
-9.0
0.07
121.3
750
0.08
39.7
4.52
89.1
0.16
-17.7
0.05
76.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com