Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-182PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-182PIN
Description  Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-182PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-182PIN Datasheet HTML 1Page - Tyco Electronics AM-182PIN Datasheet HTML 2Page - Tyco Electronics AM-182PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
AM-/AMC-182
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Electrical Specifications
2,3 T
A = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@ +25°C
300 MHz
dB
27.2
28.2
29.2
Frequency Response
—
5 - 1000 MHz
dB
—
—
±1.2
Gain Variation with
Temperature
—
5 - 1000 MHz
dB
—
—
±1.2
1 dB Compression
Output Power
5 - 1000 MHz
dBm
+9
—
—
Noise Figure
—
5 - 1000 MHz
dB
—
—
4.5
Reverse Transmission
—
5 - 1000 MHz
dB
—
-36
-32
VSWR
—
5 - 1000 MHz
Ratio
—
—
2.0:1
Output IP2
Two-tone inputs up to 0 dBm
5 - 1000 MHz
dBm
+28
—
—
Output IP3
Two-tone inputs up to 0 dBm
5 - 1000 MHz
dBm
+18
—
—
Vbias
—
—
V
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
—
mA
—
44
50
Power Dissipation
@ +15V Bias
—
mW
—
660
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 800 mW
must be provided in use.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com