Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2002UPS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2002UPS
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2002UPS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2002UPS Datasheet HTML 1Page - Diodes Incorporated DMP2002UPS Datasheet HTML 2Page - Diodes Incorporated DMP2002UPS Datasheet HTML 3Page - Diodes Incorporated DMP2002UPS Datasheet HTML 4Page - Diodes Incorporated DMP2002UPS Datasheet HTML 5Page - Diodes Incorporated DMP2002UPS Datasheet HTML 6Page - Diodes Incorporated DMP2002UPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMP2002UPS
Document number: DS37192 Rev. 4 - 2
1 of 7
www.diodes.com
April 2015
© Diodes Incorporated
DMP2002UPS
D
S
G
20V P-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
®
Product Summary
V(BR)DSS
RDS(ON)
ID
TC = +25°C
-20V
1.9
mΩ @ VGS = -10V
-60A
2.4
mΩ @ VGS = -4.5V
-60A
3.8
mΩ @ VGS = -2.5V
-60A
Description
This new generation P-Channel Enhancement Mode MOSFET is
designed to minimize RDS(ON) and yet maintain superior switching
performance. This device is ideal for use in notebook battery power
management and load switch.
Applications
Switch
Features
Thermally Efficient Package-Cooler Running Applications
High Conversion Efficiency
Low RDS(ON) – Minimizes On State Losses
<1.1mm Package Profile
– Ideal for Thin Applications
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony
Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI5060-8
Case Material:
Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Finish - Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP2002UPS-13
POWERDI5060-8
2,500 / Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4
. For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
POWERDI5060-8
Pin1
S
D
D
G
D
D
S
S
P2002US
S
S
S
G
D
D
D
D
YY WW
=Manufacturer
’s Marking
P2002US = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 14 = 2014)
WW = Week Code (01 to 53)
Green
POWERDI5060-8


Similar Part No. - DMP2002UPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2002UPS DIODES-DMP2002UPS Datasheet
648Kb / 7P
High Conversion Efficiency
Rev 4
DMP2002UPS DIODES-DMP2002UPS Datasheet
371Kb / 8P
20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 5
DMP2002UPS-13 DIODES-DMP2002UPS-13 Datasheet
648Kb / 7P
High Conversion Efficiency
Rev 4
DMP2002UPS-13 DIODES-DMP2002UPS-13 Datasheet
371Kb / 8P
20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 5
DMP2002UPS DIODES-DMP2002UPS_16 Datasheet
371Kb / 8P
20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 5
More results

Similar Description - DMP2002UPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG7401SFG DIODES-DMG7401SFG_15 Datasheet
269Kb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 11
DMN2005UFG DIODES-DMN2005UFG_15 Datasheet
344Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 2
DMP2006UFG DIODES-DMP2006UFG_15 Datasheet
434Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 4
DMP2007UFG DIODES-DMP2007UFG_15 Datasheet
288Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 2
DMP2008UFG DIODES-DMP2008UFG_15 Datasheet
261Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 14
DMP3010LPSQ DIODES-DMP3010LPSQ_15 Datasheet
403Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 4
DMP3017SFG DIODES-DMP3017SFG_15 Datasheet
253Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 3
DMP3036SFG DIODES-DMP3036SFG_15 Datasheet
454Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 4
DMP4015SPS DIODES-DMP4015SPS_15 Datasheet
379Kb / 6P
40V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 9
DMP26M7UFG DIODES-DMP26M7UFG_15 Datasheet
437Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com