Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRP35N04K Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HRP35N04K
Description  Superior Avalanche Rugged Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRP35N04K Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HRP35N04K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRP35N04K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRP35N04K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRP35N04K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRP35N04K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRP35N04K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRP35N04K Datasheet HTML 7Page - SemiHow Co.,Ltd. HRP35N04K Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
◎ SEMIHOW REV.A0,December 2014
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
-1
10
0
10
1
0
1000
2000
3000
4000
5000
6000
7000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
V
DS = 32V
I
D = 30A
Q
G, Total Gate Charge [nC]
10
0
10
1
10
1
10
2
V
GS
Top :
15 V
10 V
8 V
7 V
6 V
5.5 V
5 V
Bottom : 4.5 V
* Notes :
1. 300us Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
0.0
0.4
0.8
1.2
1.6
2.0
0.1
1
10
100
25
oC
* Notes :
1. V
GS= 0V
2. 300us Pulse Test
V
SD, Source-Drain Voltage [V]
175
oC
2
4
6
8
10
0.1
1
10
100
25
oC
* Notes :
1. V
DS= 20V
2. 300us Pulse Test
V
GS, Gate-Source Voltage [V]
175
oC
0
60
120
180
240
300
360
2.6
2.8
3.0
3.2
3.4
V
GS = 10V
∗ Note : T
J = 25
oC
I
D, Drain Current [A]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com