Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4009 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4009
Description  High Efficiency, Multi-Chemistry Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4009 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4009_15 Datasheet HTML 17Page - Linear Technology LTC4009_15 Datasheet HTML 18Page - Linear Technology LTC4009_15 Datasheet HTML 19Page - Linear Technology LTC4009_15 Datasheet HTML 20Page - Linear Technology LTC4009_15 Datasheet HTML 21Page - Linear Technology LTC4009_15 Datasheet HTML 22Page - Linear Technology LTC4009_15 Datasheet HTML 23Page - Linear Technology LTC4009_15 Datasheet HTML 24Page - Linear Technology LTC4009_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image

4009fd
LTC4009
LTC4009-1/LTC4009-2
TheLTC4009limitsmaximuminstantaneouspeakinductor
current during every PWM cycle. To avoid unstable switch
waveforms, the ripple current must satisfy:
∆I
mV
R
I
L
SENSE
MAX
<


2
150
•
–
so choose:
L
V
f
mV
R
I
CLP
PWM
SENSE
MAX
1
0 125
150
>


.
•
•
–
For C-grade parts, a reasonable starting point for setting
ripple current is ΔIL = 0.4 • IMAX. For I-grade parts, use ΔIL
= 0.2 • IMAX only if the IC will actually be used to charge
batteries over the wider I-grade temperature range. The
voltage compliance of internal LTC4009 circuits also im-
poses limits on ripple current. Select RIN (in Figure 1) to
avoid average current errors in high ripple designs. The
following equation can be used for guidance:
R
I
µA
R
R
I
µA
SENSE
L
IN
SENSE
L
•
•
∆
∆
50
20
≤
≤
RIN should not be less than 2.37k or more than 6.04k. Val-
ues of RINgreaterthan3.01kmaycausesomereductionin
programmed current accuracy. Use these equations and
guidelines, as represented in Table 6, to help select the cor-
rect inductor value. This table was developed for C-grade
partstomaintainmaximumΔILnear0.6•IMAXwithfPWMat
550kHz and VBAT = 0.5 • VCLP (the point of maximum ΔIL),
assuming that inductor value could also vary by 25% at
IMAX. For I-grade parts, reduce maximum ΔIL to less than
0.4 • IMAX, but only if the IC will actually be used to charge
batteries over the wider I-grade temperature range. In that
case, a good starting point can be found by multiplying
the inductor values shown in Table 6 by a factor of 1.6 and
roundinguptotheneareststandardvalue.
Table 6. Minimum Typical Inductor Values
VCLP
L1 (Typ)
IMAX
RSENSE
RIN
RPROG
<10V
≥10µH
1A
100m
Ω
3.01k
26.7k
10V to 20V
≥20µH
1A
100m
Ω
3.01k
26.7k
>20V
≥28µH
1A
100m
Ω
3.01k
26.7k
<10V
≥5.1µH
2A
50m
Ω
3.01k
26.7k
10V to 20V
≥10µH
2A
50m
Ω
3.01k
26.7k
>20V
≥14µH
2A
50m
Ω
3.01k
26.7k
To guarantee that a chosen inductor is optimized in any
given application, use the design equations provided and
perform bench evaluation in the target application, par-
ticularly at duty cycles below 20% or above 80% where
PWM frequency can be much less than the nominal value
of 550kHz.
TGATE BOOST Supply
Use the external components shown in Figure 11 to de-
velop a bootstrapped BOOST supply for the TGATE FET
driver. A good set of equations governing selection of the
two capacitors is:
C
Q
V
C
C
G
1
20
4 5
2 20 1
=
=
•
.
,
•
applicaTions inForMaTion
Figure 11. TGATE Boost Supply
20
17
BOOST
INTVDD
18
SW
LTC4009
4009 F11
C2
2µF
C1
0.1µF
L1
TO
RSENSE
D1
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com