Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROG-CCCD Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PROG-CCCD
Description  P1 Ultimate ID Label Cassette for use with PanTher LS8E and Cougar LS9 Hand-Held Thermal Transfer Printers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PROG-CCCD Datasheet(HTML) 1 Page - PANDUIT CORP.

  PROG-CCCD Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
P1™ Ultimate ID ® Label Cassette for use with PanTher™ LS8E and Cougar™
LS9 Hand-Held Thermal Transfer Printers
• P1 ™ Label Cassette contains an integrated memory
device for automated formatting, recall of last legend
used, and number of labels remaining in the cassette
• Fast loading label cassette includes both label material
and ribbon to make changing labels easy
• Label cassette designed for use with Ultimate ID ®
Faceplates, Patch Panels, Marker Ties, Modular Furniture
Faceplates, and Surface Mount Boxes
• Labels assist in the compliance of TIA/EIA-606-A
labeling standard
• Available in non-adhesive polyester material
Order number of cassettes required.
Part Number
Part Description
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
UILS8BW
White, non-adhesive polyester
label cassette.
0.236
6.0
25.0
7.6
1
10
Easy-Mark™ Labeling Software
• Easy-Mark ™ Labeling Software simplifies label creation for
the specific needs of your applications
• Instructions and user interface are available in English,
French, German, Italian, Spanish, Korean, Chinese,
Portuguese, and Japanese
• Intuitive interview process allows automatic generation of
compliant labels and signs
• Software selects and formats the optimum label for your
specific project
• WYSIWYG (What You See Is What You Get) user
interface, alpha/numeric serialization, data import,
symbol import
• Easy-Mark ™ Labeling Software is part of a complete line
of innovative identification solutions from Panduit
• Supports most WINDOWS^ fonts drivers for standard
thermal transfer, dot matrix, laser and ink jet, including
Panduit thermal transfer printers
System Requirements:
• WINDOWS^ 2000, XP, Vista, or 7; 64MB hard drive space
and 64MB RAM (256MB RAM recommended)
^WINDOWS is a registered trademark of Microsoft Corporation in the United States and/or other countries.
CAD-Connect™ Labeling Software
• Generates labels quickly and easily directly from
electronic CAD files
• Eliminates steps and time spent manually copying CAD
identifiers into labeling software
• Program combines the power of an innovative wizard
interview and Easy-Mark ™ Labeling Software to capture
and organize identifiers from electronic CAD files to
automatically create and print labels
• Compatible with full versions of AutoCAD* 2000i or newer
and Visio^ version 2002 or newer
• Exports to alternative formats such as EXCEL^ (XLS) or
Text (CSV) files for future use and documentation
System Requirements:
• WINDOWS^ 2000, XP, Vista, or 7; 64MB hard drive space
and 64MB RAM (256MB RAM recommended)
*AutoCAD is a registered trademark of Autodesk, Inc.
^Visio, WINDOWS, and EXCEL are registered trademarks of Microsoft Corporation in the United States and/or
other countries.
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PROG-CCCD
CAD-Connect ™ Labeling Software, including Easy-Mark™ Labeling
Software, supplied on CD-ROM.
1
10
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PROG-EMCD3
Easy-Mark™ Labeling Software, supplied on CD-ROM.
1
10
PROG-EM2GO
Easy-Mark™ Portable Application, USB Flash Drive.
1
10


Similar Part No. - PROG-CCCD

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PROG-CCCD PANDUIT-PROG-CCCD Datasheet
67Kb / 2P
Easy-Mark Labeling Software
PROG-CCCD PANDUIT-PROG-CCCD Datasheet
90Kb / 2P
Military Grade Heat Shrink Labels
3/2008
More results

Similar Description - PROG-CCCD

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C060X020YJC PANDUIT-C060X020YJC Datasheet
64Kb / 2P
P1??General Component Label Cassettes for PanTher??LS8E Hand-Held Thermal Transfer Printers
logo
SICK AG
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
logo
Rohm
KD2004-CAGW00A ROHM-KD2004-CAGW00A Datasheet
73Kb / 2P
For Receipt , Label Printers series
KD2004-CG11A ROHM-KD2004-CG11A Datasheet
119Kb / 2P
For Receipt , Label Printers series
KD2008-CF16A ROHM-KD2008-CF16A Datasheet
114Kb / 2P
For Receipt , Label Printers series
logo
PANDUIT CORP.
LS8E-ACS PANDUIT-LS8E-ACS Datasheet
429Kb / 1P
LS8E-KIT PanTher LS8E Hand-Held Thermal Transfer Printer and Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com