Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL-8. Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PSL-8.
Description  Non-Conductive Lockout Padlocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-8. Datasheet(HTML) 1 Page - PANDUIT CORP.

  PSL-8. Datasheet HTML 1Page - PANDUIT CORP. PSL-8. Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Security Padlocks
• Solid aluminum body with anodized aluminum finish provides
improved durability and corrosion resistance
• Available in six assorted colors for quick visual color identification
• Padlocks can be ordered with various keying options
(keyed-alike and master-keyed)
• Six-pin cylinder design allows for a large number of key
change options
These locks can be ordered with various keying options (keyed-alike or master-keyed) and custom engraved.
See Custom Lock Options on page E5.12 and Order Form on page E5.43.
Non-Conductive Lockout Padlocks
• Non-conductive lock body and shackle provide protection against
electrical hazards
• Available in six assorted colors for quick visual color identification
• Padlocks can be ordered with various keying options
(keyed-alike and master-keyed)
• Key-retention feature means that key cannot be removed from
padlock when open
• Six-pin cylinder design allows for a large number of key options
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
These locks can be master keyed or keyed alike. These locks can also be custom engraved.
See Custom Lock Options on page E5.12 and Order Form on page E5.43.
Part Number
Color
Std.
Pkg.
Qty.
Short shackle – 1.00" (25.4mm)
PSL-7
Red
1
PSL-7BL
Black
1
PSL-7BU
Blue
1
PSL-7GR
Green
1
PSL-7OR
Orange
1
PSL-7YL
Yellow
1
PSL-7BR
Brown
1
PSL-7PU
Purple
1
Long shackle – 3.00" (76.2mm)
PSL-7-LS
Red
1
PSL-7BL-LS
Black
1
PSL-7BU-LS
Blue
1
PSL-7GR-LS
Green
1
PSL-7OR-LS
Orange
1
PSL-7YL-LS
Yellow
1
PSL-7BR-LS
Brown
1
PSL-7PU-LS
Purple
1
Part Number
Color
Std.
Pkg.
Qty.
PSL-8
Red
1
PSL-8BL
Black
1
PSL-8BU
Blue
1
PSL-8GR
Green
1
PSL-8OR
Orange
1
PSL-8YL
Yellow
1
PSL-8BR
Brown
1
PSL-8PU
Purple
1
Part Number
Part Description
Std.
Pkg.
Qty.
PSL-8-LABEL
Package of 20 replacement labels for PSL-8 padlocks.
1


Similar Part No. - PSL-8.

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
PSL-801K AMPHENOL-PSL-801K Datasheet
947Kb / 2P
Amphenol® SurLokTM Compression Lug with Plastic Housing using RADSOK® Technology
5/2007
PSL-801K.. AMPHENOL-PSL-801K.. Datasheet
947Kb / 2P
Amphenol® SurLokTM Compression Lug with Plastic Housing using RADSOK® Technology
5/2007
PSL-802K AMPHENOL-PSL-802K Datasheet
947Kb / 2P
Amphenol® SurLokTM Compression Lug with Plastic Housing using RADSOK® Technology
5/2007
PSL-802K.. AMPHENOL-PSL-802K.. Datasheet
947Kb / 2P
Amphenol® SurLokTM Compression Lug with Plastic Housing using RADSOK® Technology
5/2007
More results

Similar Description - PSL-8.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC93-20-5-2 ETC2-PC93-20-5-2 Datasheet
615Kb / 1P
Non-Silicone Thermal Conductive Pad
logo
PANDUIT CORP.
PSL-6 PANDUIT-PSL-6 Datasheet
73Kb / 1P
Laminated Steel Padlocks
logo
Laird Tech Smart Techno...
NCE250 LSTD-NCE250 Datasheet
398Kb / 1P
Non-conductive
logo
Anaren Microwave
PD6080J5050S2HF ANAREN-PD6080J5050S2HF Datasheet
368Kb / 5P
Non-conductive Surface
X0060L7575AHF ANAREN-X0060L7575AHF Datasheet
181Kb / 4P
Non-conductive Surface
logo
STMicroelectronics
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
Undervoltage lockout
08-Apr-2015
STGIPS14K60T-H STMICROELECTRONICS-STGIPS14K60T-H Datasheet
678Kb / 19P
Undervoltage lockout
15-Apr-2015
STGIPS20C60-H STMICROELECTRONICS-STGIPS20C60-H Datasheet
791Kb / 20P
Undervoltage lockout
10-Apr-2015
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
Undervoltage lockout
01-Feb-2017
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
Undervoltage lockout
01-Feb-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com