Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD906XX Datasheet(PDF) 7 Page - Rohm

Part # BD906XX
Description  Integrated Pch POWER MOS FET
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD906XX Datasheet(HTML) 7 Page - Rohm

Back Button BD906XX Datasheet HTML 3Page - Rohm BD906XX Datasheet HTML 4Page - Rohm BD906XX Datasheet HTML 5Page - Rohm BD906XX Datasheet HTML 6Page - Rohm BD906XX Datasheet HTML 7Page - Rohm BD906XX Datasheet HTML 8Page - Rohm BD906XX Datasheet HTML 9Page - Rohm BD906XX Datasheet HTML 10Page - Rohm BD906XX Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Datasheet
Datasheet
7/34
BD906xx series
TSZ02201-0T1T0AL00130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Nov.2014 Rev.004
Typical Performance Curves
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
35
40
Input Voltage : VIN [V]
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
Input Voltage : VIN [V]
Figure 1. Shutdown Circuit Current vs Input Voltage
Figure 2. Circuit Current vs Input Voltage
Figure 3. POWER MOSFET ON Resistance vs
Ambient Temperature
Figure 4. Switch Current Limit vs Input Voltage
From Top
BD90640HFP/EFJ-C
BD90620HFP/EFJ-C
BD90610EFJ-C
Ta = 25 °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
35
40
Input Voltage : VIN [V]
From Top
Ta = 125 °C
Ta = 25 °C
Ta = -40 °C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-40 -20
0
20406080
100 120
Ambient Temperature : Ta [˚C]
From Top
VIN = 3.5V
VIN = 13.2V
上から
Ta = 125 °C
Ta = 25 °C
Ta = -40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com