Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1970 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1970
Description  500mA Power Op Amp with Adjustable Precision Current Limit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1970 Datasheet(HTML) 2 Page - Linear Technology

  LT1970_15 Datasheet HTML 1Page - Linear Technology LT1970_15 Datasheet HTML 2Page - Linear Technology LT1970_15 Datasheet HTML 3Page - Linear Technology LT1970_15 Datasheet HTML 4Page - Linear Technology LT1970_15 Datasheet HTML 5Page - Linear Technology LT1970_15 Datasheet HTML 6Page - Linear Technology LT1970_15 Datasheet HTML 7Page - Linear Technology LT1970_15 Datasheet HTML 8Page - Linear Technology LT1970_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT1970
2
1970fd
For more information www.linear.com/LT1970
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC to VEE)..................................... 36V
Positive High Current Supply (V+)................... V– to VCC
Negative High Current Supply(V–) ....................VEE to V+
Amplifier Output (OUT) ..................................... V– to V+
Current Sense Pins
(SENSE+, SENSE–, FILTER)........................... V– to V+
Logic Outputs (ISRC, ISNK, TSD) ....... COMMON to VCC
Input Voltage (–IN, +IN)............ VEE – 0.3V to VEE + 36V
Input Current......................................................... 10mA
Current Control Inputs
(VCSRC, VCSNK)..............COMMON to COMMON + 7V
Enable Logic Input .............................. COMMON to VCC
COMMON....................................................... VEE to VCC
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range (Note 2)....–40°C to 85°C
Specified Temperature Range (Note 3) .... –40°C to 85°C
Maximum Junction Temperature.......................... 150°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Op Amp Characteristics
VOS
Input Offset Voltage
0°C < TA < 70°C
–40°C < TA < 85°C
l
l
200
600
1000
1300
µV
µV
µV
Input Offset Voltage Drift (Note 4)
l
–10
–4
10
µV/°C
IOS
Input Offset Current
VCM = 0V
l
–100
100
nA
IB
Input Bias Current
VCM = 0V
l
–600
–160
nA
Input Noise Voltage
0.1Hz to 10Hz
3
µVP-P
en
Input Noise Voltage Density
1kHz
15
nV/√Hz
in
Input Noise Current Density
1kHz
3
pA/√Hz
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1970CFE#PBF
LT1970CFE#TRPBF
LT1970CFE
20-Lead Plastic TSSOP
0°C to 70°C
LT1970IFE#PBF
LT1970IFE#TRPBF
LT1970IFE
20-Lead Plastic TSSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
PIN CONFIGURATION
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
VEE
V–
OUT
SENSE+
FILTER
SENSE–
VCC
–IN
+IN
VEE
VEE
V+
TSD
ISNK
ISRC
ENABLE
COMMON
VCSRC
VCSNK
VEE
21
TJMAX = 150°C, θJA = 40°C/W (NOTE 8)
EXPOSED PAD (PIN 21) IS CONNECTED TO VEE
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. See Test Circuit for standard test conditions.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com