Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3042 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3042
Description  20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3042 Datasheet(HTML) 2 Page - Linear Technology

  LT3042_15 Datasheet HTML 1Page - Linear Technology LT3042_15 Datasheet HTML 2Page - Linear Technology LT3042_15 Datasheet HTML 3Page - Linear Technology LT3042_15 Datasheet HTML 4Page - Linear Technology LT3042_15 Datasheet HTML 5Page - Linear Technology LT3042_15 Datasheet HTML 6Page - Linear Technology LT3042_15 Datasheet HTML 7Page - Linear Technology LT3042_15 Datasheet HTML 8Page - Linear Technology LT3042_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT3042
2
3042fa
For more information www.linear.com/LT3042
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage .........................................................±22V
EN/UV Pin Voltage ..................................................±22V
IN-to-EN/UV Differential..........................................±22V
PG Pin Voltage (Note 10) ...............................–0.3V, 22V
ILIM Pin Voltage (Note 10)...............................–0.3V, 1V
PGFB Pin Voltage (Note 10) ...........................–0.3V, 22V
SET Pin Voltage (Note 10)..............................–0.3V, 16V
SET Pin Current (Note 7) .................................... ±20mA
OUTS Pin Voltage (Note 10)...........................–0.3V, 16V
OUTS Pin Current (Note 7) ................................. ±20mA
OUT Pin Voltage (Note 10) .............................–0.3V, 16V
(Note 1)
TOP VIEW
11
GND
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
OUT
OUTS
GND
SET
PGFB
IN
IN
EN/UV
PG
ILIM
TJMAX = 150°C, θJA = 34°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
IN
IN
EN/UV
PG
ILIM
10
9
8
7
6
OUT
OUTS
GND
SET
PGFB
TOP VIEW
11
GND
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 33°C/W, θJC = 8°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3042EDD#PBF
LT3042EDD#TRPBF
LGSJ
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3042IDD#PBF
LT3042IDD#TRPBF
LGSJ
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3042HDD#PBF
LT3042HDD#TRPBF
LGSJ
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 150°C
LT3042MPDD#PBF
LT3042MPDD#TRPBF
LGSJ
10-Lead (3mm × 3mm) Plastic DFN
–55°C to 150°C
LT3042EMSE#PBF
LT3042EMSE#TRPBF
LTGSH
10-Lead Plastic MSOP
–40°C to 125°C
LT3042IMSE#PBF
LT3042IMSE#TRPBF
LTGSH
10-Lead Plastic MSOP
–40°C to 125°C
LT3042HMSE#PBF
LT3042HMSE#TRPBF
LTGSH
10-Lead Plastic MSOP
–40°C to 150°C
LT3042MPMSE#PBF
LT3042MPMSE#TRPBF
LTGSH
10-Lead Plastic MSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
OUT-to-OUTS Differential (Note 14)....................... ±1.2V
IN-to-OUT Differential.............................................±22V
IN-to-OUTS Differential...........................................±22V
Output Short-Circuit Duration.......................... Indefinite
Operating Junction Temperature Range (Note 9)
E-, I-Grade ........................................ –40°C to 125°C
H-Grade ............................................ –40°C to 150°C
MP-Grade ......................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 Sec)
MSE Package ...................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com