Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3050 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3050
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050 Datasheet(HTML) 2 Page - Linear Technology

  LT3050_15 Datasheet HTML 1Page - Linear Technology LT3050_15 Datasheet HTML 2Page - Linear Technology LT3050_15 Datasheet HTML 3Page - Linear Technology LT3050_15 Datasheet HTML 4Page - Linear Technology LT3050_15 Datasheet HTML 5Page - Linear Technology LT3050_15 Datasheet HTML 6Page - Linear Technology LT3050_15 Datasheet HTML 7Page - Linear Technology LT3050_15 Datasheet HTML 8Page - Linear Technology LT3050_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3050 Series
2
3050fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage ........................................................ ±50V
OUT Pin Voltage..................................................... ±50V
Input-to-Output Differential Voltage ....................... ±50V
ADJ Pin Voltage (Note 16) ..................................... ±50V
REF/BYP Pin Voltage........................................–0.3V, 1V
SHDN Pin Voltage ...................................................±50V
IMON Pin Voltage ..............................................–0.3V, 7V
IMIN Pin Voltage ...............................................–0.3V, 7V
IMAX Pin Voltage...............................................–0.3V, 7V
(Note 1)
1
2
3
4
5
6
REF/BYP
IMIN
FAULT
SHDN
IN
IN
12
11
10
9
8
7
IMON
IMAX
GND
ADJ
OUT
OUT
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
13
GND
TJMAX = 125°C, θJA = 45°C/W, θJC = 5°C/W TO 10°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
DDB PACKAGE
12-LEAD (3mm
2mm) PLASTIC DFN
REF/BYP
IMIN
FAULT
SHDN
IN
IN
IMON
IMAX
GND
ADJ
OUT
OUT
13
GND
8
7
10
9
11
12
5
6
4
2
3
1
TJMAX = 125°C, θJA = 49°C/W, θJC = 13.5°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3050EMSE#PBF
LT3050EMSE#TRPBF
3050
12-Lead Plastic MSOP
–40°C to 125°C
LT3050IMSE#PBF
LT3050IMSE#TRPBF
3050
12-Lead Plastic MSOP
–40°C to 125°C
LT3050MPMSE#PBF
LT3050MPMSE#TRPBF
3050
12-Lead Plastic MSOP
–55°C to 125°C
LT3050EMSE-3.3#PBF
LT3050EMSE-3.3#TRPBF
305033
12-Lead Plastic MSOP
–40°C to 125°C
LT3050IMSE-3.3#PBF
LT3050IMSE-3.3#TRPBF
305033
12-Lead Plastic MSOP
–40°C to 125°C
LT3050MPMSE-3.3#PBF LT3050MPMSE-3.3#TRPBF 305033
12-Lead Plastic MSOP
–55°C to 125°C
LT3050EMSE-5#PBF
LT3050EMSE-5#TRPBF
30505
12-Lead Plastic MSOP
–40°C to 125°C
LT3050IMSE-5#PBF
LT3050IMSE-5#TRPBF
30505
12-Lead Plastic MSOP
–40°C to 125°C
LT3050MPMSE-5#PBF
LT3050MPMSE-5#TRPBF
30505
12-Lead Plastic MSOP
–55°C to 125°C
LT3050EDDB#PBF
LT3050EDDB#TRPBF
LFGC
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3050IDDB#PBF
LT3050IDDB#TRPBF
LFGC
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3050EDDB-3.3#PBF
LT3050EDDB-3.3#TRPBF
LFWR
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT3050IDDB-3.3#PBF
LT3050IDDB-3.3#TRPBF
LFWR
12-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
FAULT Pin Voltage..........................................–0.3V, 50V
Output Short-Circuit Duration .......................... Indefinite
Operating Junction Temperature Range (Notes 2, 3)
E, I Grades .........................................–40°C to 125°C
MP Grade...........................................–55°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature: Soldering, 10 sec.................... 300°C
(MSOP Package Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com