Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3081 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3081
Description  1.5A Single Resistor Rugged Linear Regulator with Monitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3081 Datasheet(HTML) 2 Page - Linear Technology

  LT3081_15 Datasheet HTML 1Page - Linear Technology LT3081_15 Datasheet HTML 2Page - Linear Technology LT3081_15 Datasheet HTML 3Page - Linear Technology LT3081_15 Datasheet HTML 4Page - Linear Technology LT3081_15 Datasheet HTML 5Page - Linear Technology LT3081_15 Datasheet HTML 6Page - Linear Technology LT3081_15 Datasheet HTML 7Page - Linear Technology LT3081_15 Datasheet HTML 8Page - Linear Technology LT3081_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LT3081
2
3081fc
For more information www.linear.com/LT3081
absoluTe MaxiMuM raTings
IN Pin to OUT Pin Differential Voltage.....................±40V
SET Pin Current (Note 6) .....................................±25mA
SET Pin Voltage (Relative to OUT, Note 6) .............. ±10V
TEMP Pin Voltage (Relative to OUT) .................1V, –40V
ILIM Pin Voltage (Relative to OUT) .........................±0.2V
IMON Pin Voltage (Relative to OUT)...................1V, –40V
Output Short-Circuit Duration.......................... Indefinite
(Note 1) All Voltages Relative to VOUT.
TOP VIEW
13
OUT
DF PACKAGE
12-LEAD (4mm
× 4mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
IN
IN
IN
IN
TEMP
IMON
OUT
OUT
OUT
OUT
ILIM
SET 6
7
TJMAX = 125°C, θJA = 32°C/W, θJC = 4°C/W
EXPOSED PAD (PIN 13) IS OUT, MUST BE SOLDERED TO PCB
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT
OUT
OUT
OUT
OUT
ILIM
SET
OUT
OUT
IN
IN
IN
IN
TEMP
IMON
OUT
17
OUT
TJMAX = 150°C, θJA = 29°C/W, θJC = 8°C/W
EXPOSED PAD (PIN 17) IS OUT, MUST BE SOLDERED TO PCB
R PACKAGE
7-LEAD PLASTIC DD
FRONT VIEW
TAB IS
OUT
NC
IN
TEMP
OUT
IMON
SET
ILIM
7
6
5
4
3
2
1
TJMAX = 125°C, θJA = 15°C/W, θJC = 3°C/W
T7 PACKAGE
7-LEAD PLASTIC TO-220
TAB IS
OUT
NC
IN
TEMP
OUT
IMON
SET
ILIM
FRONT VIEW
7
6
5
4
3
2
1
TJMAX = 150°C, θJA = 40°C/W, θJC = 3°C/W
pin conFiguraTion
Operating Junction Temperature Range (Note 2)
E-, I-Grades ....................................... –40°C to 125°C
H-Grade ............................................. –40°C to 150°C
MP-Grade .......................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE, R, T7 Packages Only...................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com