Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3086 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3086
Description  40V, 2.1A Low Dropout Adjustable Linear Regulator with Monitoring and Cable Drop Compensation
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3086 Datasheet(HTML) 2 Page - Linear Technology

  LT3086_15 Datasheet HTML 1Page - Linear Technology LT3086_15 Datasheet HTML 2Page - Linear Technology LT3086_15 Datasheet HTML 3Page - Linear Technology LT3086_15 Datasheet HTML 4Page - Linear Technology LT3086_15 Datasheet HTML 5Page - Linear Technology LT3086_15 Datasheet HTML 6Page - Linear Technology LT3086_15 Datasheet HTML 7Page - Linear Technology LT3086_15 Datasheet HTML 8Page - Linear Technology LT3086_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LT3086
2
3086fa
For more information www.linear.com/LT3086
absoluTe MaxiMuM raTings
IN Pin Voltage .........................................................±45V
OUT Pin Voltage......................................................±36V
Input-to-Output Differential Voltage (Note 2)..........±45V
SET Pin Voltage ...............................................–0.3, 36V
SHDN Pin Voltage ...................................................±45V
CDC Pin (Internally Clamped, Current into Pin).......<8mA
IMON Pin Voltage ................................................–0.3, 7V
ILIM Pin Voltage..................................................–0.3, 2V
TRACK Pin Voltage .... –0.3, Internally Clamped at 1.25V
TEMP Pin Voltage .................................................0V, 5V
(Note 1)
16
15
14
13
12
11
10
9
17
GND
1
2
3
4
5
6
7
8
GND
PWRGD
TRACK
TEMP
SHDN
IN
IN
NC
GND
ILIM
IMON
CDC
RPWRGD
SET
OUT
OUT
TOP VIEW
DHD PACKAGE
16-LEAD (5mm
× 4mm) PLASTIC DFN
TJMAX = 125°C, θJA = 25°C/W TO 33°C/W*, θJC = 4.3°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
IMON/ILIM
CDC
RPWRGD
SET
OUT
OUT
GND
GND
PWRGD
TRACK
TEMP
SHDN
IN
IN
GND
17
GND
TJMAX = 125°C, θJA = 25°C/W TO 33°C/W*, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
R PACKAGE
7-LEAD PLASTIC DD
FRONT VIEW
TEMP
SHDN
IN
GND
OUT
SET
IMON/ILIM
7
6
5
4
3
2
1
TAB
IS
GND
TJMAX = 125°C, θJA = 15°C/W TO 19°C/W*, θJC = 3°C/W
T7 PACKAGE
7-LEAD PLASTIC TO-220
TEMP
SHDN
IN
GND
OUT
SET
IMON/ILIM
FRONT VIEW
TAB
IS
GND
7
6
5
4
3
2
1
TJMAX = 125°C, θJA = 34°C/W, θJC = 3°C/W
*See Applications Information section.
pin conFiguraTion
PWRGD Pin Voltage.........................................–0.3, 36V
RPWRGD Pin Voltage.........................................–0.3, 36V
Output Short-Circuit Duration.......................... Indefinite
Operating Junction Temperature (Notes 3, 5, 12)
E-Grade, I-Grade................................ –40°C to 125°C
MP-Grade .......................................... –55°C to 125°C
Storage Temperature Range ......................–65 to 150°C
Lead Temperature (Soldering, 10 sec)
(TSSOP, DD-Pak, TO-220 Only) ...........................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com