Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3088 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3088
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3088 Datasheet(HTML) 2 Page - Linear Technology

  LT3088_15 Datasheet HTML 1Page - Linear Technology LT3088_15 Datasheet HTML 2Page - Linear Technology LT3088_15 Datasheet HTML 3Page - Linear Technology LT3088_15 Datasheet HTML 4Page - Linear Technology LT3088_15 Datasheet HTML 5Page - Linear Technology LT3088_15 Datasheet HTML 6Page - Linear Technology LT3088_15 Datasheet HTML 7Page - Linear Technology LT3088_15 Datasheet HTML 8Page - Linear Technology LT3088_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3088
2
3088f
For more information www.linear.com/LT3088
absoluTe MaxiMuM raTings
IN Pin to OUT Pin Differential Voltage.....................±40V
SET Pin Current (Note 6) .....................................±25mA
SET Pin Voltage (Relative to OUT, Note 6) .............. ±10V
Output Short-Circuit Duration .......................... Indefinite
Operating Junction Temperature Range (Note 2)
E-, I-Grades ....................................... –40°C to 125°C
H-Grade ............................................. –40°C to 150°C
MP-Grade .......................................... –55°C to 150°C
(Note 1) All voltages Relative to VOUT
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3088EDD#PBF
LT3088EDD#TRPBF
LGSZ
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3088IDD#PBF
LT3088IDD#TRPBF
LGSZ
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3088HDD#PBF
LT3088HDD#TRPBF
LGSZ
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 150°C
LT3088EST#PBF
LT3088EST#TRPBF
3088
3-Lead Plastic SOT-223
–40°C to 125°C
LT3088IST#PBF
LT3088IST#TRPBF
3088
3-Lead Plastic SOT-223
–40°C to 125°C
LT3088HST#PBF
LT3088HST#TRPBF
3088
3-Lead Plastic SOT-223
–40°C to 150°C
LT3088MPST#PBF
LT3088MPST#TRPBF
3088
3-Lead Plastic SOT-223
–55°C to 150°C
LT3088EM#PBF
LT3088EM#TRPBF
LT3088M
3-Lead Plastic DD-Pak
–40°C to 125°C
LT3088IM#PBF
LT3088IM#TRPBF
LT3088M
3-Lead Plastic DD-Pak
–40°C to 125°C
LT3088HM#PBF
LT3088HM#TRPBF
LT3088M
3-Lead Plastic DD-Pak
–40°C to 150°C
LT3088MPM#PBF
LT3088MPM#TRPBF
LT3088M
3-Lead Plastic DD-Pak
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
M, ST Packages Only........................................300°C
TOP VIEW
9
OUT
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT
OUT
OUT
SET
IN
IN
NC
NC
TJMAX = 150°C, θJA = 28°C/W, θJC = 5.3°C/W
EXPOSED PAD (PIN 9) IS OUT, MUST BE SOLDERED TO PCB
1
2
3
FRONT VIEW
TAB IS
OUT
IN
OUT
SET
ST PACKAGE
3-LEAD PLASTIC SOT-223
TJMAX = 150°C, θJA = 25°C/W, θJC = 15°C/W
M PACKAGE
3-LEAD PLASTIC DD-PAK
FRONT VIEW
TAB IS
OUT
IN
OUT
SET
3
2
1
TJMAX = 150°C, θJA = 14°C/W, θJC = 3°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com