Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3500 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3500
Description  Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3500 Datasheet(HTML) 2 Page - Linear Technology

  LT3500_15 Datasheet HTML 1Page - Linear Technology LT3500_15 Datasheet HTML 2Page - Linear Technology LT3500_15 Datasheet HTML 3Page - Linear Technology LT3500_15 Datasheet HTML 4Page - Linear Technology LT3500_15 Datasheet HTML 5Page - Linear Technology LT3500_15 Datasheet HTML 6Page - Linear Technology LT3500_15 Datasheet HTML 7Page - Linear Technology LT3500_15 Datasheet HTML 8Page - Linear Technology LT3500_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3500
2
3500fc
ABSOLUTE MAXIMUM RATINGS
VIN, PG, PG Operating.................................... 40V/–0.3V
SW .............................................................................VIN
BST ................................................................ 55V/–0.3V
BST Pin Above SW....................................................25V
LDRV, SHDN..............................................................15V
FB, LFB, RT/SYNC .......................................................5V
SS, VC ......................................................................2.5V
(Note 1)
TOP VIEW
DD PACKAGE
12-LEAD (3mm × 3mm) PLASTIC DFN
12
13
11
8
9
10
4
5
3
2
1
SW
BST
LDRV
LFB
FB
PG
VIN
SHDN
SS
PG
VC
RT/SYNC 6
7
θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
NC1
VIN
SHDN
SS
PG
VC
RT/SYNC
NC8
16
15
14
13
12
11
10
9
NC16
SW
BST
LDRV
LFB
FB
PG
NC9
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSE
17
θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
Operating Junction Temperature Range
LT3500EDD (Note 2) .......................... –40°C to 125°C
LT3500IDD (Note 2)........................... –40°C to 125°C
LT3500HDD (Note 2).......................... –40°C to 150°C
LT3500EMSE (Note 2)........................ –40°C to 125°C
LT3500IMSE (Note 3) ........................ –40°C to 125°C
LT3500HMSE (Note 2) ....................... –40°C to 150°C
Storage Temperature Range................... –65°C to 150°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3500EDD#PBF
LT3500EDD#TRPBF
LCRN
12-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3500IDD#PBF
LT3500IDD#TRPBF
LCRN
12-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3500HDD#PBF
LT3500HDD#TRPBF
LDCY
12-Lead (3mm
× 3mm) Plastic DFN
–40°C to 150°C
LT3500EMSE#PBF
LT3500EMSE#TRPBF
3500
16-Lead Plastic MSE
–40°C to 125°C
LT3500IMSE#PBF
LT3500IMSE#TRPBF
3500
16-Lead Plastic MSE
–40°C to 125°C
LT3500HMSE#PBF
LT3500HMSE#TRPBF
3500
16-Lead Plastic MSE
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com