Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3514 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3514
Description  Triple Step-Down Switching Regulator with 100 Duty Cycle Operation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3514 Datasheet(HTML) 2 Page - Linear Technology

  LT3514_15 Datasheet HTML 1Page - Linear Technology LT3514_15 Datasheet HTML 2Page - Linear Technology LT3514_15 Datasheet HTML 3Page - Linear Technology LT3514_15 Datasheet HTML 4Page - Linear Technology LT3514_15 Datasheet HTML 5Page - Linear Technology LT3514_15 Datasheet HTML 6Page - Linear Technology LT3514_15 Datasheet HTML 7Page - Linear Technology LT3514_15 Datasheet HTML 8Page - Linear Technology LT3514_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3514
2
3514fa
For more information www.linear.com/LT3514
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
EN/UVLO...................................................................40V
EN/UVLO Pin Above VIN..............................................5V
VIN ............................................................................40V
SKY...........................................................................46V
SW5..........................................................................47V
RUN/SS.......................................................................6V
FB ...............................................................................6V
RT/SYNC.....................................................................6V
(Note 1)
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
29
GND
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
NC
NC
DA3
SW3
SW1
DA1
SW4
DA4
NC
FB3
FB1
FB4
GND
RT/SYNC
EN/UVLO
RUN/SS3
7
17
18
19
20
21
22
16
8
15
θJA = 43°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
FE PACKAGE
24-LEAD PLASTIC TSSOP
24
23
22
21
20
19
18
17
16
15
14
13
VIN
NC
DA3
SW3
SW3
SW1
DA1
SW4
DA4
NC
VIN
VIN
SKY
SW5
GND
PG
FB3
FB1
FB4
RT/SYNC
EN/UVLO
RUN/SS3
RUN/SS1
RUN/SS4
25
GND
θJA = 33°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3514EUFD#PBF
LT3514EUFD#TRPBF
3514
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3514IUFD#PBF
LT3514IUFD#TRPBF
3514
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3514EFE#PBF
LT3514EFE#TRPBF
LT3514FE
24-Lead Plastic TSSOP
–40°C to 125°C
LT3514IFE#PBF
LT3514IFE#TRPBF
LT3514FE
24-Lead Plastic TSSOP
–40°C to 125°C
LT3514HFE#PBF
LT3514HFE#TRPBF
LT3514FE
24-Lead Plastic TSSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PG.............................................................................25V
Operating Junction Temperature Range (Notes 2, 7)
LT3514EUFD ...................................... –40°C to 125°C
LT3514IUFD ....................................... –40°C to 125°C
LT3514EFE......................................... –40°C to 125°C
LT3514IFE.......................................... –40°C to 125°C
LT3514HFE......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com