Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3668 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3668
Description  40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3668 Datasheet(HTML) 2 Page - Linear Technology

  LT3668_15 Datasheet HTML 1Page - Linear Technology LT3668_15 Datasheet HTML 2Page - Linear Technology LT3668_15 Datasheet HTML 3Page - Linear Technology LT3668_15 Datasheet HTML 4Page - Linear Technology LT3668_15 Datasheet HTML 5Page - Linear Technology LT3668_15 Datasheet HTML 6Page - Linear Technology LT3668_15 Datasheet HTML 7Page - Linear Technology LT3668_15 Datasheet HTML 8Page - Linear Technology LT3668_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3668
2
3668fa
For more information www.linear.com/LT3668
ADJ2, ADJ3 Voltage................................................±45V
OUT2, OUT3 Voltage...............................................±45V
IN2 Voltage .............................................................±45V
OUT2 – IN2 Differential Voltage..............................±45V
OUT3 – IN3/BD Differential Voltage ........................±45V
OUT2 – ADJ2 Differential Voltage...........................±45V
OUT3 – ADJ3 Differential Voltage...........................±45V
IN1, EN Voltage (Note 3) ...........................................60V
IN1 Reverse Voltage...............................................–0.3V
EN Pin Current .......................................................–1mA
IN3/BD Voltage .........................................................30V
BOOST Pin Voltage ...................................................50V
BOOST Pin Above SW Pin.........................................30V
RT Voltage ..................................................................2V
FB1 Voltage.................................................................6V
EN2/ILIM2, EN3/ILIM3 Voltage...................................4V
PG Voltage................................................................30V
Operating Junction Temperature Range (Notes 4, 5)
E-, I-Grade ......................................... −40°C to 125°C
H-Grade ............................................. −40°C to 150°C
Storage Temperature Range .................. −65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Notes 1, 2)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3668EMSE#PBF
LT3668EMSE#TRPBF
3668
16-Lead Plastic MSOP
–40°C to 125°C
LT3668IMSE#PBF
LT3668IMSE#TRPBF
3668
16-Lead Plastic MSOP
–40°C to 125°C
LT3668HMSE#PBF
LT3668HMSE#TRPBF
3668
16-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping
container. Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
5
6
7
8
SW
BOOST
EN
RT
IN3/BD
OUT3
ADJ3
FB1
16
15
14
13
12
11
10
9
DA
IN1
PG
EN3/ILIM3
EN2/ILIM2
IN2
OUT2
ADJ2
TOP VIEW
17
GND
MSE PACKAGE
16-LEAD PLASTIC MSOP
θJA = 40°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com