Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP4025LSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP4025LSD
Description  40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4025LSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP4025LSD_15 Datasheet HTML 1Page - Diodes Incorporated DMP4025LSD_15 Datasheet HTML 2Page - Diodes Incorporated DMP4025LSD_15 Datasheet HTML 3Page - Diodes Incorporated DMP4025LSD_15 Datasheet HTML 4Page - Diodes Incorporated DMP4025LSD_15 Datasheet HTML 5Page - Diodes Incorporated DMP4025LSD_15 Datasheet HTML 6Page - Diodes Incorporated DMP4025LSD_15 Datasheet HTML 7Page - Diodes Incorporated DMP4025LSD_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMP4025LSD
Document Number: DS35937 Rev: 2 - 2
2 of 8
www.diodes.com
April 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMP4025LSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
20
Continuous Drain Current
VGS = -10V
(Notes 7 & 9)
ID
-7.6
A
TA = +70°C (Notes 7 & 9)
-6.1
(Notes 6 & 9)
-5.8
(Notes 6 & 10)
-6.9
Pulsed Drain Current
VGS = -10V
(Notes 8 & 9)
IDM
-28.0
Continuous Source Current (Body diode)
(Notes 7 & 9)
IS
-3.0
Pulsed Source Current (Body diode)
(Notes 8 & 9)
ISM
-28.0
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Notes 6 & 9)
PD
1.25
10
W
mW/°C
(Notes 6 & 10)
1.8
14.3
(Notes 7 & 9)
2.14
17.2
Thermal Resistance, Junction to Ambient
(Notes 6 & 9)
RθJA
100
°C/W
(Notes 6 & 10)
70
(Notes 7 & 9)
58
Thermal Resistance, Junction to Lead
(Notes 9 & 11)
RθJL
51
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
6. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
7. Same as note (2), except the device is measured at t
 10 sec.
8. Same as note (2), except the device is pulsed with D = 0.02 and pulse width 300µs.
9. For a dual device with one active die.
10. For a device with two active die running at equal power.
11. Thermal resistance from junction to solder-point (at the end of the drain lead).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com