Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3744 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3744
Description  High Current Synchronous Step-Down LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3744 Datasheet(HTML) 2 Page - Linear Technology

  LT3744_15 Datasheet HTML 1Page - Linear Technology LT3744_15 Datasheet HTML 2Page - Linear Technology LT3744_15 Datasheet HTML 3Page - Linear Technology LT3744_15 Datasheet HTML 4Page - Linear Technology LT3744_15 Datasheet HTML 5Page - Linear Technology LT3744_15 Datasheet HTML 6Page - Linear Technology LT3744_15 Datasheet HTML 7Page - Linear Technology LT3744_15 Datasheet HTML 8Page - Linear Technology LT3744_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LT3744
2
3744f
For more information www.linear.com/LT3744
pin conFiguraTion
absoluTe MaxiMuM raTings
Relative to VEE (Tested with VEE = 0V and SGND = 20V):
VIN ........................................................................36V
EN/UVLO ..............................................................36V
CTRL1, CTRL2, CTRL3..........................................23V
CTRLT...................................................................23V
ISP, ISN.................................................................36V
LED_ISP, LED_ISN..................................................3V
VC1, VC2, VC3...........................................................3V
VFNEG.........................................................–15V to 3V
BOOST..................................................................41V
FAULT....................................................................23V
PWM1, PWM2, PWM3, SYNC ..............................25V
FB ...........................................................................3V
SW........................................................................36V
INTVCC, RT, BG, TG, PWM_OUT1, PWM_OUT2,
PWM_OUT3, VREF, SS......................................Note 4
(Note 1)
11 12 13 14
TOP VIEW
37
VEE
UHE PACKAGE
36-LEAD (5mm
× 6mm) PLASTIC QFN
15 16 17 18
36 35 34 33 32 31 30 29
21
22
23
24
25
26
27
28
8
7
6
5
4
3
2
1
EN/UVLO
CTRL1
VREF
CTRL2
CTRL3
CTRLT
PWM1
PWM2
PWM3
SYNC
VEE
PWM_OUT1
VEE
PWM_OUT2
VFNEG
PWM_OUT3
ISP
ISN
VC1
VC2
20
19
9
10
θJA = 34°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 37) IS VEE, MUST BE SOLDERED TO PCB
RelativetoSGND(TestedwithVEE=0VandSGND=0V):
VIN ........................................................................36V
EN/UVLO ..............................................................36V
CTRL1,CTRL2,CTRL3 ............................................3V
CTRLT ....................................................................3V
ISP,ISN .................................................................36V
LED_ISP,LED_ISN ..................................................3V
VC1,VC2,VC3 ...........................................................3V
VFNEG..........................................................–15Vto3V
BOOST..................................................................41V
FAULT......................................................................3V
PWM1,PWM2,PWM3,SYNC..................................5V
FB ...........................................................................3V
SS ..........................................................................3V
SW........................................................................36V
StorageTemperatureRange ................ –65°Cto150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com