Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3746 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3746
Description  32-Channel 20mA LED Driver with Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3746 Datasheet(HTML) 2 Page - Linear Technology

  LT3746_15 Datasheet HTML 1Page - Linear Technology LT3746_15 Datasheet HTML 2Page - Linear Technology LT3746_15 Datasheet HTML 3Page - Linear Technology LT3746_15 Datasheet HTML 4Page - Linear Technology LT3746_15 Datasheet HTML 5Page - Linear Technology LT3746_15 Datasheet HTML 6Page - Linear Technology LT3746_15 Datasheet HTML 7Page - Linear Technology LT3746_15 Datasheet HTML 8Page - Linear Technology LT3746_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3746
2
3746fa
For more information www.linear.com/3746
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN .......................................................................... 57V
CAP......................................................... VIN – 8V to VIN
GATE..............................................................CAP to VIN
LED00 to LED31, ISP, ISN .........................................13V
ISP .................................................ISN – 1V to ISN + 1V
FB, RT, TSET, ISET ....................................................... 2V
VCC...............................................................–0.3V to 6V
SCKI, SCKO, SDI, SDO, LDI, LDO, PWMCK, SYNC,
SS, EN/UVLO ............................................. –0.3V to VCC
Operating Junction Temperature Range
(Notes 2, 3)............................................–40°C to 125°C
Storage Temperature Range ..................–65°C to 125°C
(Note 1)
19 20 21 22
TOP VIEW
57
GND
UHH PACKAGE
56-LEAD (5mm
× 9mm) PLASTIC QFN
23 24 25 26 27 28
56 55 54 53 52 51 50 49 48 47
39
40
41
42
43
44
45
46
8
7
6
5
4
3
2
1
EN/UVLO
LED15
LED14
LED13
LED12
LED11
LED10
LED09
LED08
LED07
LED06
LED05
LED04
LED03
LED02
LED01
LED00
GND
SYNC
LED16
LED17
LED18
LED19
LED20
LED21
LED22
LED23
LED24
LED25
LED26
LED27
LED28
LED29
LED30
LED31
GND
38
37
36
35
34
33
32
31
30
29
9
10
11
12
13
14
15
16
17
18
TJMAX = 125°C, θJA = 32°C/W, θJC = 2.0°C/W
EXPOSED PAD (PIN 57) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3746EUHH#PBF
LT3746EUHH#TRPBF
3746
56-Lead (5mm
× 9mm) Plastic QFN
–40°C to 125°C
LT3746IUHH#PBF
LT3746IUHH#TRPBF
3746
56-Lead (5mm
× 9mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com