Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3751 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3751
Description  High Voltage Capacitor Charger Controller with Regulation
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751 Datasheet(HTML) 2 Page - Linear Technology

  LT3751_15 Datasheet HTML 1Page - Linear Technology LT3751_15 Datasheet HTML 2Page - Linear Technology LT3751_15 Datasheet HTML 3Page - Linear Technology LT3751_15 Datasheet HTML 4Page - Linear Technology LT3751_15 Datasheet HTML 5Page - Linear Technology LT3751_15 Datasheet HTML 6Page - Linear Technology LT3751_15 Datasheet HTML 7Page - Linear Technology LT3751_15 Datasheet HTML 8Page - Linear Technology LT3751_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LT3751
2
3751fc
absoluTe MaxiMuM raTings
VCC, CHARGE, CLAMP..............................................24V
DONE, FAULT ............................................................24V
LVGATE (Note 8) .......................................................24V
VCC – LVGATE .............................................................8V
HVGATE ................................................................Note 9
RBG, CSP, CSN ...........................................................2V
FB ..............................................................................5V
Current into DONE Pin ........................................... ±1mA
Current into FAULT Pin........................................... ±1mA
Current into RVTRANS Pin....................................... ±1mA
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3751EFE#PBF
LT3751EFE#TRPBF
LT3751FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT3751IFE#PBF
LT3751IFE#TRPBF
LT3751FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT3751EUFD#PBF
LT3751EUFD#TRPBF
3751
20-Pin (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT3751IUFD#PBF
LT3751IUFD#TRPBF
3751
20-Pin (4mm × 5mm) Plastic QFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3751EFE
LT3751EFE#TR
LT3751FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT3751IFE
LT3751IFE#TR
LT3751FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT3751EUFD
LT3751EUFD#TR
3751
20-Pin (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT3751IUFD
LT3751IUFD#TR
3751
20-Pin (4mm × 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Current into RVOUT Pin ........................................±10mA
Current into RDCM Pin......................................... ±10mA
Current into UVLO1 Pin.......................................... ±1mA
Current into UVLO2 Pin.......................................... ±1mA
Current into OVLO1 Pin.......................................... ±1mA
Current into OVLO2 Pin.......................................... ±1mA
Maximum Junction Temperature .......................... 125°C
Operating Temperature Range (Note 2).. –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
RVTRANS
UVLO1
OVLO1
UVLO2
OVLO2
FAULT
DONE
CHARGE
CLAMP
FB
RDCM
NC
RVOUT
NC
RBG
HVGATE
LVGATE
VCC
CSP
CSN
21
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
20 19 18 17
7
8
TOP VIEW
UFD PACKAGE
20-PIN (4mm × 5mm) PLASTIC QFN
9 10
6
5
4
3
2
1
11
12
13
14
15
16
OVLO1
UVLO2
OVLO2
FAULT
DONE
CHARGE
RVOUT
NC
RBG
HVGATE
LVGATE
VCC
21
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE TIED TO PCB
pin conFiguraTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com