Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ7053 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MPQ7053
Description  SILICON NPN/PNP COMPLEMENTARY QUAD TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MPQ7053 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MPQ7053_15 Datasheet HTML 1Page - Central Semiconductor Corp MPQ7053_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPQ7053
SILICON
NPN/PNP COMPLEMENTARY
QUAD TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR MPQ7053 type is
comprised of two independent silicon NPN transistors
and two independent silicon PNP transistors mounted
in a 14-pin DIP, designed for general purpose amplifier
and switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
250
V
Collector-Emitter Voltage
VCEO
250
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation (per transistor)
PD
750
mW
Power Dissipation (total package)
PD
1.7
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=180V
250
nA
IEBO
VEB=3.0V
100
nA
BVCBO
IC=100μA
250
V
BVCEO
IC=1.0mA
250
V
BVEBO
IE=100μA
5.0
V
VCE(SAT)
IC=20mA, IB=2.0mA
0.70
V
VBE(SAT)
IC=20mA, IB=2.0mA
0.90
V
hFE
VCE=10V, IC=1.0mA
25
hFE
VCE=10V, IC=10mA
35
hFE
VCE=10V, IC=30mA
25
fT
VCE=20V, IC=10mA, f=100MHz
50
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
6.0
pF
Cib
VEB=3.0V, IC=0, f=1.0MHz (NPN)
50
pF
Cib
VEB=3.0V, IC=0, f=1.0MHz (PNP)
75
pF
TO-116 CASE
R0 (10-March 2014)
www.centr a lsemi.com


Similar Part No. - MPQ7053_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MPQ7053 CENTRAL-MPQ7053 Datasheet
137Kb / 1P
QUAD TRANSISTORS
More results

Similar Description - MPQ7053_15

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2320 NTE-NTE2320 Datasheet
24Kb / 3P
Silicon NPN/PNP Transistor Quad, General Purpose Switch, Amp (Complementary Pair)
logo
ON Semiconductor
MMPQ6700 ONSEMI-MMPQ6700 Datasheet
147Kb / 4P
Quad Complementary Pair Transistor PNP/NPN Silicon
August, 2006 ??Rev. 2
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413 Datasheet
584Kb / 2P
SURFACE MOUNT COMPLEMENTARY NPN/PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6107 MCC-2N6107 Datasheet
462Kb / 3P
PNP Silicon Complementary Power Transistor
logo
Continental Device Indi...
CSA928A CDIL-CSA928A Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
CIL2383 CDIL-CIL2383 Datasheet
108Kb / 3P
NPN COMPLEMENTARY SILICON TRANSISTOR
logo
Central Semiconductor C...
MPQ6700 CENTRAL-MPQ6700_15 Datasheet
1Mb / 4P
SILICON COMPLEMENTARY QUAD TRANSISTOR
logo
Yea Shin Technology Co....
MMBT3946DW YEASHIN-MMBT3946DW Datasheet
1Mb / 5P
COMPLEMENTARY NPN/PNP TRANSISTOR
logo
Micro Commercial Compon...
2N6107 MCC-2N6107_13 Datasheet
563Kb / 3P
PNP Silicon Complementary Power Transistor
logo
Guangdong Kexin Industr...
BC847PN KEXIN-BC847PN Datasheet
68Kb / 1P
NPN/PNP Complementary Silicon Transistor Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com