Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS6532 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MPS6532
Description  NPN SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MPS6532 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MPS6532 Datasheet HTML 1Page - Central Semiconductor Corp MPS6532 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPS6530
MPS6531
MPS6532
NPN SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR MPS6530 series
types are NPN silicon transistors designed for general
purpose amplifier applications. The PNP complementary
types are MPS6533, MPS6534, MPS6535 respectively.
MARKING: FULL PART NUMBER
TO-92 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
MPS6530
MPS6531
MPS6532
UNITS
Collector-Base Voltage
VCBO
60
60
50
V
Collector-Emitter Voltage
VCEO
40
40
30
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
600
mA
Power Dissipation
PD
625
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
MPS6530
MPS6531
MPS6532
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=40V
-
50
-
50
-
-
nA
ICBO
VCB=40V, TA=60°C
-
2.0
-
2.0
-
-
μA
ICBO
VCB=30V
-
-
-
-
-
100
nA
ICBO
VCB=30V, TA=60°C
-
-
-
-
-
5.0
μA
BVCBO
IC=10μA
60
-
60
-
50
-
V
BVCEO
IC=10mA
40
-
40
-
30
-
V
BVEBO
IE=10μA
5.0
-
5.0
-
5.0
-
V
VCE(SAT)
IC=100mA, IB=10mA
-
0.5
-
0.3
-
0.5
V
VBE(SAT)
IC=100mA, IB=10mA
-
1.0
-
1.0
-
1.2
V
hFE
VCE=1.0V, IC=10mA
30
-
60
-
-
-
hFE
VCE=1.0V, IC=100mA
40
120
90
270
30
-
hFE
VCE=10V, IC=500mA
25
-
50
-
-
-
Cob
VCB=10V, IE=0, f=100kHz
-
5.0
-
5.0
-
5.0
pF
fT
VCE=10V, IC=50mA
300(TYP)
300(TYP)
300(TYP)
MHz
R1 (29-November 2012)
www.centr a lsemi.com


Similar Part No. - MPS6532

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MPS6532 MICRO-ELECTRONICS-MPS6532 Datasheet
133Kb / 2P
COMPLEMENTARY SILICON GENERAL PURPOSE AMPLIFIERS & SWITCHES
logo
List of Unclassifed Man...
MPS6532 ETC-MPS6532 Datasheet
420Kb / 10P
6532 (MEMORY, 110, TIMER ARRAY)
More results

Similar Description - MPS6532

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
SILICON NPN TRANSISTORS
July 1997
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
NPN SILICON TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
NPN SILICON TRANSISTORS
Sep-2001
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_06 Datasheet
113Kb / 3P
NPN Silicon Transistors
March, 2006 ??Rev. 11
logo
Guangdong Kexin Industr...
2SC4942 KEXIN-2SC4942 Datasheet
50Kb / 1P
NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4863 NJSEMI-2N4863 Datasheet
538Kb / 1P
SILICON NPN TRANSISTORS
logo
Continental Device Indi...
2N6430 CDIL-2N6430 Datasheet
262Kb / 4P
NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
S9013-G-AP MCC-S9013-G-AP Datasheet
248Kb / 2P
NPN Silicon Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com