Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z20FF5LL Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # Z20FF5LL
Description  High Voltage Diodes - Formed Lead 0.8A - 2.0A ??30ns - 50ns ??Hermetic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

Z20FF5LL Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  Z20FF5LL Datasheet HTML 1Page - Voltage Multipliers Inc. Z20FF5LL Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17
2
0
5
10
15
20
25
0
1
2
3
4
5
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
25
50
75
100
125
150
175
0
5
10
15
20
25
0
1
2
3
4
5
1
10
100
1000
25
50
75
100
125
150
0
20
40
60
80
100
120
140
160
25
50
75
100
125
150
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0
20
40
60
80
100
Lead Temperature (°C)
Forward Current (A)
Temperature (°C)
Reverse Bias Voltage (V)
Temperature (°C)
Forward Current (A)
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
Z20FF3LL/5LL Z50FF3LL/5LL
Z50FF3LL
Z20FF3/5LL
Z50FF3/5LL
Z50FF5LL
Z20FF3LL
Z20FF5LL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com