Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z50FF3LLHT Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # Z50FF3LLHT
Description  High Voltage Diode - Formed Lead 0.80A l 30ns l Hermetic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

Z50FF3LLHT Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  Z50FF3LLHT Datasheet HTML 1Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Voltage Diode - Formed Lead
Original Released: 11-05-14
0.80A l 30ns l Hermetic
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part
Number
Working
Reverse
Voltage
(Vrwm)
Average
Rectified
Current
(Io)
Reverse
Current
@ Vrwm
(Ir)
Forward
Voltage
(Vf)
1 Cycle
Surge
Current
tp=8.3ms
(Ifsm)
Repetitive
Surge
Current
(Ifrm)
Reverse
Recovery
Time
(3)
(Trr)
Thermal
Impd.
u
J-C
Junction
Cap.
@50VDC
@ 1kHZ
(Cj)
(Vrwm) 3.4kV
55°C(1) 100°C(2)
25°C
155°C
25°C
25°C
25°C
25°C
25°C
25°C
Volts
Amps
Amps
µA
µA
Volts
Amps
Amps
Amps
ns
°C/W
pF
Z50FF3LLHT
5000
0.80
0.40
1.0
25
12.5
0.36
22
4
30
2.50
16
(1)TC=55°C (2)TC=100°C (3)If=0.5A, Ir=1.0A, Irr=0.25A *Op.Temp. -65°C to +175°C Stg.Temp. -65°C to +200°C


Similar Part No. - Z50FF3LLHT

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
Z50FF3LL VMI-Z50FF3LL Datasheet
50Kb / 1P
High Voltage Rectifiers - Formed Lead
Z50FF3LL VMI-Z50FF3LL Datasheet
106Kb / 2P
High Voltage Diodes - Formed Lead 0.8A - 2.0A ??30ns - 50ns ??Hermetic
logo
New Jersey Semi-Conduct...
Z50FF3LL NJSEMI-Z50FF3LL Datasheet
86Kb / 1P
High Voltage Rectifiers - Formed Lead
More results

Similar Description - Z50FF3LLHT

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1N6513LL VMI-1N6513LL_13 Datasheet
156Kb / 2P
High Voltage Diodes - Formed Lead 1.5A - 3.5A ??70ns ??Hermetic
1N6515US VMI-1N6515US Datasheet
340Kb / 1P
High Voltage Diodes - Surface Mount 2.0A - 3.5A l 70ns l Hermetic l JANTX l JANTXV
1N6523U VMI-1N6523U Datasheet
344Kb / 1P
High Voltage Diodes - Surface Mount 150mA - 250mA l 70ns l Hermetic
1N6838LL VMI-1N6838LL_13 Datasheet
142Kb / 2P
High Voltage Diodes - Formed Lead 0.75A - 2.00A ??30ns - 50ns ??Hermetic
M50FF3 VMI-M50FF3_13 Datasheet
98Kb / 2P
High Voltage Diodes - Axial Lead 20mA - 40mA ??30ns - 50ns ??Hermetic
SXF20FF3 VMI-SXF20FF3 Datasheet
137Kb / 1P
High Voltage Diodes - Surface Mount 0.42A l 30ns
SXF20FF3HT VMI-SXF20FF3HT Datasheet
149Kb / 1P
High Voltage Diodes - Surface Mount 0.42A l 30ns
X20FF3 VMI-X20FF3_13 Datasheet
100Kb / 2P
High Voltage Diodes - Axial Lead 50mA - 420mA ??30ns - 50ns ??Hermetic
Z20FF3 VMI-Z20FF3_13 Datasheet
97Kb / 2P
High Voltage Diodes - Axial Lead 180mA - 1000mA ??30ns - 50ns ??Hermetic
Z20FF3LL VMI-Z20FF3LL_13 Datasheet
106Kb / 2P
High Voltage Diodes - Formed Lead 0.8A - 2.0A ??30ns - 50ns ??Hermetic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com