Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS2100F Datasheet(PDF) 7 Page - Rohm

Part # BS2100F
Description  Built-in Under Voltage Lockout for Both Channels
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BS2100F Datasheet(HTML) 7 Page - Rohm

Back Button BS2100F Datasheet HTML 3Page - Rohm BS2100F Datasheet HTML 4Page - Rohm BS2100F Datasheet HTML 5Page - Rohm BS2100F Datasheet HTML 6Page - Rohm BS2100F Datasheet HTML 7Page - Rohm BS2100F Datasheet HTML 8Page - Rohm BS2100F Datasheet HTML 9Page - Rohm BS2100F Datasheet HTML 10Page - Rohm BS2100F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/16
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
・
15
・
001
BS2100F
2.FEB.2015 Rev.002
TSZ02201-0Q3Q0BZ00260-1-2
Typical Performance Curves
(Unless otherwise specified: Ta=25°C, VCC=15V,VBS=15V,VS=COM,CL=1000pF)
Figure 12. HIN Input Threshold Voltage - Ta
Figure 13. LIN Input Threshold Voltage - Ta
Figure 14. High Level Output Voltage
–Ta
(IO=20mA)
Figure 15. Low Level Output Voltage
–Ta
(IO=20mA)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
Input Voltage VIN[V]
0.0
0.6
1.2
1.8
2.4
3.0
-40 -20
0
20
40
60
80 100 120 140
AMBIENT TEMPERATURE [°C]
0.0
0.6
1.2
1.8
2.4
3.0
-40 -20
0
20
40
60
80 100 120 140
AMBIENT TEMPERATURE [°C]
0.0
0.2
0.4
0.6
0.8
1.0
-40 -20
0
20
40
60
80 100 120 140
AMBIENT TEMPERATURE [°C]
0.0
0.5
1.0
1.5
2.0
-40 -20
0
20
40
60
80 100 120 140
AMBIENT TEMPERATURE [°C]
VIL
VIH
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com